Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6551 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-6551
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6551 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-6551 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6551 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1-560
capability will enable the designer
to interface any TTL family to
CMOS. The availability of the
base lead allows optimized gain/
bandwidth adjustment in analog
applications. The shallow depth
of the IC photodiode provides
better radiation immunity than
conventional phototransistor
couplers.
These products are also available
with the transistor base node
connected to improve common
mode noise immunity and ESD
susceptibility. In addition, higher
CTR minimums are available by
special request.
Package styles for these parts are
8 and 16 pin DIP through hole
(case outlines P and E respec-
tively), 16 pin DIP flat pack (case
outline F), and leadless ceramic
chip carrier (case outline 2).
Devices may be purchased with a
variety of lead bend and plating
options, see Selection Guide
Table for details. Standard
Military Drawing (SMD) parts are
available for each package and
lead style.
Because the same functional die
(emitters and detectors) are used
for each channel of each device
listed in this data sheet, absolute
maximum ratings, recommended
operating conditions, electrical
specifications, and performance
characteristics shown in the
figures are identical for all parts.
Occasional exceptions exist due
to package variations and
limitations and are as noted.
Additionally, the same package
assembly processes and materials
are used in all devices. These
similarities give justification for
the use of data obtained from one
part to represent other part’s
performance for die related
reliability and certain limited
radiation test results.
Selection Guide–Package Styles and Lead Configuration Options
Package
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
2
1
2
4
2
Common Channel Wiring
None
None
VCC GND
VCC GND
None
HP Part # & Options
Commercial
4N55*
HCPL-5500
HCPL-5530
HCPL-6550
HCPL-6530
MIL-PRF-38534, Class H
4N55/883B
HCPL-5501
HCPL-5531
HCPL-6551
HCPL-6531
MIL-PRF-38534, Class K
HCPL-257K
HCPL-550K
HCPL-553K
HCPL-655K
HCPL-653K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Solder Pads
Solder Dipped
Option #200
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Option #100
Gull Wing/Soldered
Option #300
Option #300
Option #300
SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Either Gold or Solder
8767901EX
9085401HPX
8767902PX
8767904FX
87679032X
Gold Plate
8767901EC
9085401HPC
8767902PC
8767904FC
Solder Dipped
8767901EA
9085401HPA
8767902PA
87679032A
Butt Cut/Gold Plate
8767901UC
9085401HYC
8767902YC
Butt Cut/Soldered
8767901UA
9085401HYA
8767902YA
Gull Wing/Soldered
8767901TA
9085401HXA
8767902XA
*JEDEC registered part.
8 Pin Ceramic DIP Single
Channel Schematic
ANODE
3
CATHODE
6
5
VO
GND
IO
IF
2
+
–
VF
8
VCC
7
VB
IB
ICC
Note base pin 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com