Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
-60
0
TA – TEMPERATURE – °C
100
10
15
-20
5
20
VCC = 5.5 V
VO = 5.5 V
VE = 2.0 V*
IF = 250 µA
60
-40
0
40
80
* FOR SINGLE
CHANNEL
PRODUCTS
ONLY
19. No external pull up is required for a high logic state on the enable input. If the VE pin is not used, tying VE to VCC will result in
improved CMR performance. For single channel products only.
20. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
21. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4500 V rms for one second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge
(Method b) shown in the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
22. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 6000 V rms for one second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge
(Method b) shown in the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
23. Measured between the LED anode and cathode shorted together and pins 5 through 8 shorted together. For dual channel products
only.
24. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. For dual channel products only.
Figure 2. Typical Output Voltage vs. Forward Input Current.
Figure 3. Typical Input Threshold Current vs. Temperature.
Figure 1. Typical High Level Output
Current vs. Temperature.
1
6
2
3
4
5
12
3
4
5
6
IF – FORWARD INPUT CURRENT – mA
RL = 350 Ω
RL = 1 KΩ
RL = 4 KΩ
0
0
VCC = 5 V
TA = 25 °C
8-PIN DIP, SO-8
1
6
2
3
4
5
12
3
4
5
6
IF – FORWARD INPUT CURRENT – mA
RL = 350 Ω
RL = 1 KΩ
RL = 4 KΩ
0
0
VCC = 5 V
TA = 25 °C
WIDEBODY
VCC = 5.0 V
VO = 0.6 V
6
3
-60
-20
20
60
100
TA – TEMPERATURE – °C
2
80
40
0
-40
0
RL = 350 Ω
1
4
5
RL = 1 KΩ
RL = 4 KΩ
WIDEBODY
VCC = 5.0 V
VO = 0.6 V
6
3
-60
-20
20
60
100
TA – TEMPERATURE – °C
2
80
40
0
-40
0
RL = 350 Ω
1
4
5
RL = 1 KΩ
RL = 4 KΩ
8-PIN DIP, SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com