Electronic Components Datasheet Search
  English  ▼

X  

HCPL-550K Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-550K
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-550K Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-550K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-550K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-559
5965-3002E
H
Features
• Dual Marked with Device
Part Number and DESC
Drawing Number
• Manufactured and Tested on
a MIL-PRF-38534 Certified
Line
• QML-38534, Class H and K
• Five Hermetically Sealed
Package Configurations
• Performance Guaranteed,
Over -55
°C to +125°C
• High Speed: Typically
400 kBit/s
• 9 MHz Bandwidth
• Open Collector Output
• 2-18 Volt VCC Range
• 1500 Vdc Withstand Test
Voltage
• High Radiation Immunity
• 6N135, 6N136, HCPL-2530/
-2531, Function
Compatibility
• Reliability Data
Applications
• Military and Space
• High Reliability Systems
• Vehicle Command, Control,
Life Critical Systems
• Line Receivers
• Switching Power Supply
• Voltage Level Shifting
Hermetically Sealed, Transistor
Output Optocouplers for Analog
and Digital Applications
Technical Data
• Analog Signal Ground
Isolation (see Figures 7, 8,
and 13)
• Isolated Input Line Receiver
• Isolated Output Line Driver
• Logic Ground Isolation
• Harsh Industrial
Environments
• Isolation for Test
Equipment Systems
Description
These units are single, dual and
quad channel, hermetically sealed
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product or with
full MIL-PRF-38534 Class Level
H or K testing or from the
appropriate DESC Drawing. All
devices are manufactured and
tested on a MIL-PRF-38534
certified line and are included in
the DESC Qualified
Manufacturers List QML-38534
for Hybrid Microcircuits.
Each channel contains a GaAsP
light emitting diode which is
optically coupled to an integrated
photon detector. Separate
connections for the photodiodes
and output transistor collectors
improve the speed up to a
hundred times that of a conven-
tional phototransistor
optocoupler by reducing the
base-collector capacitance.
These devices are suitable for
wide bandwidth analog applica-
tions, as well as for interfacing
TTL to LSTTL or CMOS. Current
Transfer Ratio (CTR) is 9% mini-
mum at IF = 16 mA. The 18 V VCC
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Truth Table
(Positive Logic)
Input
Output
On (H)
L
Off (L)
H
Functional Diagram
Multiple Channel Devices
Available
VCC
GND
VO
VB
*See matrix for available extensions.
4N55*
5962-87679
HCPL-553X
HCPL-653X
HCPL-655X
5962-90854
HCPL-550X


Similar Part No. - HCPL-550K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-550K HP-HCPL-550K Datasheet
195Kb / 14P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-550K AVAGO-HCPL-550K Datasheet
190Kb / 13P
Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
More results

Similar Description - HCPL-550K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com