Electronic Components Datasheet Search
  English  ▼

X  

PE7017-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7017-2
Description  30 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7017-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7017-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7017-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
30 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
30
Maximum Input Power, Watts
25
Maximum VSWR
1.4:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.4:1
Attenuation Accuracy, dB
2
Mechanical Specifications
Temperature
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
2.65 [67.31]
Height, in [mm]
2.65 [67.31]
.
Connector 1
Type
N Male
Connector Specification
MIL-STD-348
Connector 2
Type
N Female
Connector Specification
MIL-STD-348
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/30db-fixed-n-female-n-male-25-watts-attenuator-pe7017-30-p.aspx
30 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
30 dB Fixed Attenuator, N Male To N Female
Rated To 25 Watts Up To 18 GHz
PE7017-30
PE7017-30 REV


Similar Part No. - PE7017-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7017-2 PASTERNACK-PE7017-2 Datasheet
256Kb / 2P
2 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7017-2 PASTERNACK-PE7017-2 Datasheet
241Kb / 3P
2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-20 PASTERNACK-PE7017-20 Datasheet
256Kb / 2P
20 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7017-20 PASTERNACK-PE7017-20 Datasheet
241Kb / 3P
20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-20 PASTERNACK-PE7017-20_16 Datasheet
241Kb / 3P
20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7017-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7017-20 PASTERNACK-PE7017-20 Datasheet
256Kb / 2P
20 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7017-6 PASTERNACK-PE7017-6 Datasheet
256Kb / 2P
6 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7367-20 PASTERNACK-PE7367-20 Datasheet
327Kb / 3P
20 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7367-40 PASTERNACK-PE7367-40 Datasheet
327Kb / 3P
40 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7368-30 PASTERNACK-PE7368-30 Datasheet
327Kb / 3P
30 dB Fixed Attenuator, N Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7362-30 PASTERNACK-PE7362-30 Datasheet
884Kb / 3P
30 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz
PE7373-30 PASTERNACK-PE7373-30 Datasheet
880Kb / 3P
30 dB Fixed Attenuator, N Female To TNC Male Rated To 25 Watts Up To 18 GHz
PE7356-30 PASTERNACK-PE7356-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Male To N Female Rated To 25 Watts Up To 18 GHz
PE7367-30 PASTERNACK-PE7367-30 Datasheet
327Kb / 3P
30 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7371-30 PASTERNACK-PE7371-30 Datasheet
326Kb / 3P
30 dB Fixed Attenuator, N Female To N Female Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com