Electronic Components Datasheet Search
  English  ▼

X  

PE44177 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44177
Description  75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44177 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44177 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44177 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
Configuration
Connector
TNC Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.063 [27]
Width/Dia., in [mm]
0.5 [12.70]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
TNC Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D
Hole PE44177
URL: http://www.pasternack.com/tnc-female-standard-solder-cup-terminal-connector-pe44177-p.aspx
PE44177
PE44177 REV
75 Ohm TNC Female Bulkhead Connector Solder
Attachment Solder Cup Terminal, .410 inch D Hole


Similar Part No. - PE44177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
More results

Similar Description - PE44177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4063 PASTERNACK-PE4063 Datasheet
207Kb / 1P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminalm, 410 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4757 PASTERNACK-PE4757 Datasheet
203Kb / 2P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4706 PASTERNACK-PE4706 Datasheet
222Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4014 PASTERNACK-PE4014_16 Datasheet
350Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com