Electronic Components Datasheet Search
  English  ▼

X  

PE44249 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44249
Description  1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44249 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44249 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1.0/2.3 Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
1.0/2.3 Plug
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.785 [19.94]
Width/Dia., in [mm]
0.3 [8]
Height, in [mm]
0.618 [15.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.0/2.3 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/1.0-2.3-plug-standard-rg174-rg316-rg188-connector-pe44249-p.aspx
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE44249
PE44249 REV


Similar Part No. - PE44249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4424 PASTERNACK-PE4424 Datasheet
119Kb / 1P
SMA FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG188-DS &RG316-DS`
PE44240 PASTERNACK-PE44240 Datasheet
864Kb / 3P
SMA Femal Press In Connector Solder Attachment Tab Terminal, .200 inch Diameter
PE44241 PASTERNACK-PE44241 Datasheet
211Kb / 2P
SMA Female Press In Connector Solder Attachment Pin Terminal, .200 inch Diameter
PE44242 PASTERNACK-PE44242 Datasheet
87Kb / 1P
1.0/2.3 SNAP ON PLUG CRIMP ATTACHMENT FOR RG55,RG142,RG223&RG400
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
More results

Similar Description - PE44249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44783 PASTERNACK-PE44783 Datasheet
277Kb / 3P
1.0-2.3 Plug Right Angle Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com