Electronic Components Datasheet Search
  English  ▼

X  

PE44363 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44363
Description  10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44363 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44363 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44363 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
10-32 Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.716 [18.19]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188 PE44363
URL: http://www.pasternack.com/10-32-female-standard-rg174-rg316-rg188-connector-pe44363-p.aspx
PE44363
PE44363 REV
10-32 Female Connector Clamp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE44363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44364 PASTERNACK-PE44364 Datasheet
227Kb / 2P
10-32 Female Connector Clamp - Solder Attachment For RG178, RG196
More results

Similar Description - PE44363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4437 PASTERNACK-PE4437 Datasheet
117Kb / 1P
N FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE4796 PASTERNACK-PE4796 Datasheet
206Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44367 PASTERNACK-PE44367 Datasheet
299Kb / 2P
10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .295 inch D Hole
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE44353 PASTERNACK-PE44353 Datasheet
222Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com