Electronic Components Datasheet Search
  English  ▼

X  

PS2525-4 Datasheet(PDF) 1 Page - NEC

Part # PS2525-4
Description  LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2525-4 Datasheet(HTML) 1 Page - NEC

  PS2525-4 Datasheet HTML 1Page - NEC PS2525-4 Datasheet HTML 2Page - NEC PS2525-4 Datasheet HTML 3Page - NEC PS2525-4 Datasheet HTML 4Page - NEC PS2525-4 Datasheet HTML 5Page - NEC PS2525-4 Datasheet HTML 6Page - NEC PS2525-4 Datasheet HTML 7Page - NEC PS2525-4 Datasheet HTML 8Page - NEC PS2525-4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P11433EJ3V0DS00 (3rd edition)
Date Published December 1997 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2525-1,-2,-4,PS2525L-1,-2,-4
LARGE FORWARD INPUT TYPE
AC INPUT RESPONSE TYPE
MULTI PHOTOCOUPLER SIRIES
©
1993
−NEPOCTM Series−
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The PS2525-1, -2, -4 and PS2525L-1, -2, -4 are optically coupled isolators containing GaAs light emitting diodes
and an NPN silicon phototransistor.
The PS2525-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2525L-1, -2, -4 are lead bending type
(Gull-wing) for surface mount.
FEATURES
• Large forward input current (IF =
±150 mA)
• AC input response
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product: PS2525L-1-E3, E4, F3, F4, PS2525L-2-E3, E4
• UL approved: File No. E72422 (S)
APPLICATIONS
• Exchange equipment
• FAX/MODEM
• LCR adapter


Similar Part No. - PS2525-4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2525-4 CEL-PS2525-4 Datasheet
433Kb / 15P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2525-4-A CEL-PS2525-4-A Datasheet
433Kb / 15P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2525-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2521-1 NEC-PS2521-1 Datasheet
123Kb / 12P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com