Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2602 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-2602
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2602 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 20Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
OUTPUT V
MONITORING
NODE
O
1.5 V
tEHL
t ELH
VE
INPUT
O
V
OUTPUT
3.0 V
1.5 V
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
Ω
t = t = 5 ns
O
f
IF
L
R
CC
V
0.1 µF
BYPASS
*CL
*C
IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
r
7.5 mA
INPUT VE
MONITORING NODE
Figure 13. Test Circuit for t
EHL and tELH.
Figure 14. Typical Enable Propagation
Delay vs. Temperature.
Figure 15. Test Circuit for Common Mode Transient Immunity and Typical Waveforms.
VO
0.5 V
O
V
(MIN.)
5 V
0 V
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 7.5 mA
F
CM
V
H
CM
CML
O
V
(MAX.)
CM
V
(PEAK)
VO
-60
0
TA – TEMPERATURE – °C
100
90
120
-20
30
20
60
-40
0
40
80
60
VCC = 5.0 V
VEH = 3.0 V
VEL = 0 V
IF = 7.5 mA
tELH, RL = 4 kΩ
tELH, RL = 1 kΩ
tEHL, RL = 350 Ω, 1 kΩ, 4 kΩ
tELH, RL = 350 Ω
+5 V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE
GENERATOR
Z
= 50
Ω
O
+
IF
B
A
VFF
CM
V
–
RL
SINGLE CHANNEL
+5 V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE
GENERATOR
Z
= 50
Ω
O
+
IF
B
A
VFF
CM
V
–
RL
DUAL CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com