Electronic Components Datasheet Search
  English  ▼

X  

ATF-10136 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF-10136
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-10136 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF-10136 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-10136 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-10136 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-24
ATF-10136 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain-Source Voltage
V
+5
VGS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-7
IDS
Drain Current
mA
IDSS
PT
Power Dissipation [2,3]
mW
430
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature[4]
°C
-65to+175
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE TEMPERATURE = 25°C.
3. Derate at 2.9 mW/
°C for
TCASE > 25°C.
4. Storage above +150
°C may tarnish
the leads of this package making it
difficult to solder into a circuit.
After a device has been soldered
into a circuit, it may be safely
stored up to 175
°C.
5. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
APPLICATIONS PRIMER IIIA for
more information.
ATF-10136 Typical Performance, T
A = 25°C
Thermal Resistance :
θ
jc = 350°C/W; TCH = 150°C
Liquid Crystal Measurement:
1
µm Spot Size[5]
ATF-10136 Noise Parameters: V
DS = 2 V, IDS = 25 mA
Freq.
NFO
Γ
opt
GHz
dB
Mag
Ang
RN/50
0.5
0.35
0.93
12
0.80
1.0
0.4
0.85
24
0.70
2.0
0.4
0.70
47
0.46
4.0
0.5
0.39
126
0.36
6.0
0.8
0.36
-170
0.12
8.0
1.1
0.45
-100
0.38
Part Number Ordering Information
Part Number
Devices Per Reel
Reel Size
ATF-10136-TR1
1000
7"
ATF-10136-STR
10
STRIP
For more information, see “Tape and Reel Packaging for Semiconductor Devices.”
FREQUENCY (GHz)
IDS (mA)
Figure 2. Optimum Noise Figure and
Associated Gain vs. IDS.
VDS = 2V, f = 4.0 GHz.
020
10
40
50
30
60
Figure 3. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 25 mA.
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
0
18
15
12
9
6
16
14
12
10
2.0
6.0
4.0
8.0 10.0 12.0
1.5
1.0
0.5
0
GA
GA
NFO
NFO
|S21|2
MSG
MAG
0.5
1.0
2.0
4.0
6.0 8.0 12.0
30
25
20
15
10
5
0
Figure 1. Optimum Noise Figure and
Associated Gain vs. Frequency.
VDS = 2V, IDS = 25 mA, TA = 25°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com