Electronic Components Datasheet Search
  English  ▼

X  

DEM2810C Datasheet(PDF) 1 Page - TOKO, Inc

Part # DEM2810C
Description  Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DEM2810C Datasheet(HTML) 1 Page - TOKO, Inc

  DEM2810C Datasheet HTML 1Page - TOKO, Inc DEM2810C Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEM2810C/DEM2812C/DEM2815C/DEM2818C
Inductance Range: 1.0~12
H (DEM2810C), 0.47~12H (DEM2812C), 0.47~15H (DEM2815C), 0.47~12H (DEM2818C)
DEM2810C
DEM2812C
DEM2815C
DEM2818C
3.0 Max.
*
1.0
(Unit: mm)
1.8
0.9
0.9
(Unit: mm)
*DEM2810C: 1.0mm Max.
DEM2812C: 1.2mm Max.
DEM2815C: 1.5mm Max.
DEM2818C: 1.8mm Max.
FEATURES
特長
 Low profile (2.83.0mm square, 1.0/1.2/1.5/1.8mm
Max.height).
 Magnetically shielded construction and low DC resistance.
 Ideal for a variety of DC-DC converter inductor
applications.
 RoHS compliant
 小型薄形構造(2.83.0mm角 高さ1.0/1.2/1.5/1.8mm
Max.)
 閉磁路構造、低直流抵抗
 各種機器のDC-DCコンバータ用インダクタに最適
 RoHS指令対応
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM2810C,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1224AS-H-1R0N
1.0
30
66 (55)
1.6 (2.1)
1.9 (2.2)
1224AS-H-1R5N
1.5
30
78 (65)
1.4 (1.8)
1.7 (2.0)
1224AS-H-2R2M
2.2
20
102 (85)
1.1 (1.4)
1.4 (1.6)
1224AS-H-3R3M
3.3
20
144 (120)
0.90 (1.2)
1.2 (1.4)
1224AS-H-4R7M
4.7
20
204 (170)
0.75 (1.0)
1.0 (1.2)
1224AS-H-6R8M
6.8
20
300 (250)
0.60 (0.80)
0.85 (1.0)
1224AS-H-100M
10
20
432 (360)
0.53 (0.70)
0.71 (0.84)
1224AS-H-120M
12
20
540 (450)
0.49 (0.65)
0.55 (0.65)
TYPE DEM2812C,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1225AS-H-R47N
0.47
 30
31 (26)
2.5 (3.4)
3.1 (3.7)
1225AS-H-R68N
0.68
 30
37 (31)
2.0 (2.7)
2.9 (3.4)
1225AS-H-1R0N
1.0
 30
43 (36)
1.8 (2.4)
2.7 (3.2)
1225AS-H-1R5N
1.5
 30
52 (43)
1.5 (2.1)
2.4 (2.8)
1225AS-H-2R2M
2.2
 20
70 (58)
1.2 (1.6)
2.0 (2.4)
1225AS-H-3R3M
3.3
 20
96 (80)
1.0 (1.4)
1.5 (1.8)
1225AS-H-4R7M
4.7
 20
126 (105)
0.88 (1.2)
1.4 (1.6)
1225AS-H-6R8M
6.8
 20
204 (170)
0.72 (0.96)
1.1 (1.3)
1225AS-H-100M
10
 20
300 (250)
0.58 (0.77)
0.85 (1.0)
1225AS-H-120M
12
 20
350 (290)
0.55 (0.73)
0.76 (0.95)
continued on next page次項へ続く
L
L
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - DEM2810C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
Ferrite Inductors
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
Ferrite Inductors
DEM2818C TOKO-DEM2818C_16 Datasheet
255Kb / 1P
Ferrite Inductors
More results

Similar Description - DEM2810C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
LUMEX INC.
SML-LXR851DRSUGCTR LUMEX-SML-LXR851DRSUGCTR Datasheet
172Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851GC-TR LUMEX-SML-LXR851GC-TR Datasheet
147Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851IGC-TR LUMEX-SML-LXR851IGC-TR Datasheet
176Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SYC-TR LUMEX-SML-LXR851SYC-TR Datasheet
173Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
logo
Fox Electronics
K124 FOX-K124 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Bel Fuse Inc.
QME48T40 BEL-QME48T40 Datasheet
2Mb / 35P
Outputs available: 3.3, 2.5, 1.8, 1.5, 1.2 and 1.0 V
logo
Transko Electronics, In...
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com