Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2200 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-2200
Description  Low Input Current Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2200 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2200 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1-127
Switching Specifications (AC)
For 0
°C ≤ T
A
[1]
≤ 85°C, 4.5 V ≤ V
CC ≤ 20 V, 1.6 mA ≤ IF(ON) ≤ 5 mA, 0.0 mA ≤ IF(OFF) ≤ 0.1 mA.
All Typicals at TA = 25°C, VCC = 5 V, IF(ON) = 3 mA unless otherwise specified.
Parameter
Sym.
Min.
Typ. Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time to
tPHL
210
ns
Without Peaking Capacitor
5, 6
4, 5
160
300
With Peaking Capacitor
Propagation Delay Time to
tPLH
170
ns
Without Peaking Capacitor
5, 6
4, 5
115
300
With Peaking Capacitor
Output Enable Time to
tPZH
25
ns
7, 9
Logic High
Output Enable Time to
tPZL
28
ns
7, 8
Logic Low
Output Disable Time from
tPHZ
105
ns
7, 9
Logic High
Output Disable Time from
tPLZ
60
ns
7, 8
Logic Low
Output Rise Time (10-90%)
tr
55
ns
5, 10
Output Fall Time (90-10%)
tf
15
ns
5, 10
Parameter
Sym.
Device
Min.
Units
Test Conditions
Fig.
Note
Logic High
|CMH|IF = 1.6 mA
11
6
Common Mode
VCC = 5 V
Transient
TA = 25°C
Immunity
Logic Low
|CML|VF = 0 V
11
6
Common Mode
VCC = 5 V
Transient
TA = 25°C
Immunity
Logic Low Output Level
Logic High Output Level
HCPL-2200
1,000
V/
µs|V
CM| = 50 V
HCPL-2219
2,500
V/
µs|V
CM| = 400 V
HCPL-2200
1,000
V/
µs|V
CM| = 50 V
HCPL-2219
2,500
V/
µs|V
CM| = 400 V
Package Characteristics
Parameter
Sym.
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min.,
3, 8
Withstand Voltage*
TA = 25°C
Input-Output Resistance
RI-O
1012
Ω
VI-O = 500 VDC
3
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 VDC
3
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level
safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com