Electronic Components Datasheet Search
  English  ▼

X  

ST115047 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST115047
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST115047 Datasheet(HTML) 1 Page - E-SWITCH

  ST115047 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WITHOUT LOCK RING
WITH LOCK RING
PANEL MOUNTING OPTIONS
PCB MOUNTING
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T5B9M51QEH
1/8/2014
ST115047
A
EBP
1
1
1
2
3
3
A
21343
RELEASED FOR PRODUCTION
1/8/13
EBP
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
() = MONENTARY
2
1
3
CIRCUIT: SPDT
21.34 MAX
[.840 in]
3.30
[.130 in]
n
E-SWITCH
MARKING
7.52
[.296 in]
8.89
[.350 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5A @ 120VAC OR 28VDC
2A @ 250VAC
6. ELECTRIC LIFE: 40,000 CYCLES
7. INSULATION RESISTANCE: 1,000 M
MIN
.
8. DIELECTRIC STRENGTH: 1,000 V RMS.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK:
T100011 - LOCK WASHER (1)
T100002 - LOCK RING (1)
T100000 - HEX NUT (2)
T100016 - "O" RING (1)
n11.81
[.465 in]
6.86
[.270 in]
12.70
[.500 in]
5.72
[.225 in]
FLAT
.51
[.020 in]
1/4-40 UNS - 2A
1.44
[.057 in]
18.70
[.736 in]
25~
POS. 1
POS. 3
n6.35
[.250 in]
5.95
[.234 in]
6.10
[.240 in]
n6.35
[.250 in]
n2.38
[.094 in]
1.27
[.050 in]
.76
[.030 in]
4.70
[.185 in]
n1.85
[.073 in]
4.70
[.185 in]


Similar Part No. - ST115047

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST115000 E-SWITCH-ST115000 Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST115003 E-SWITCH-ST115003 Datasheet
100Kb / 1P
E-SWITCH 100SP5T1B1M2QEH
ST115003 E-SWITCH-ST115003 Datasheet
100Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST115005 E-SWITCH-ST115005 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST115006 E-SWITCH-ST115006 Datasheet
99Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST115047

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com