Electronic Components Datasheet Search
  English  ▼

X  

HCPL2400 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL2400
Description  20 MBd High CMR Logic Gate Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2400 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL2400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1-305
Absolute Maximum Ratings
(No derating required up to 70
°C)
Parameter
Symbol
Minimum
Maximum
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F(AVG)
10
mA
Peak Forward Input Current
I
FPK
20
mA
12
Reverse Input Voltage
V
R
2V
Three State Enable Voltage
V
E
-0.5
10
V
(HCPL-2400 Only)
Supply Voltage
V
CC
07
V
Average Output Collector Current
I
O
-25
25
mA
Output Collector Voltage
V
O
-0.5
10
V
Output Voltage
V
O
-0.5
18
V
Output Collector Power Dissipation
P
O
40
mW
(Each Channel)
Total Package Power Dissipation
P
T
350
mW
(Each Channel)
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
(for Through Hole Devices)
Reflow Temperature Profile
See Package Outline Drawings section
(Option #300)
Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Units
Power Supply Voltage
V
CC
4.75
5.25
V
Forward Input Current (ON)
I
F(ON)
48
mA
Forward Input Voltage (OFF)
V
F(OFF)
0.8
V
Fan Out
N
5
TTL Loads
Enable Voltage (Low)
V
EL
0
0.8
V
HCPL-2400 Only)
Enable Voltage (High)
V
EH
2V
CC
V
HCPL-2400 Only)
Operating Temperature
T
A
070
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com