Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2231 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-2231
Description  Low Input Current Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2231 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-2231 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2231 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1-120
Low Input Current Logic Gate
Optocouplers
Technical Data
HCPL-2200
HCPL-2219
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.
Features
• 2.5 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 400 V (HCPL-2219)
• Compatible with LSTTL,
TTL, and CMOS Logic
• Wide VCC Range (4.5 to 20 V)
• 2.5 Mbd Guaranteed over
Temperature
• Low Input Current (1.6 mA)
• Three State Output (No
Pullup Resistor Required)
• Guaranteed Performance
from 0
°C to 85°C
• Hysteresis
• Safety Approval
UL Recognized -2500 V rms
for 1 minute
CSA Approved
VDE 0884 Approved with
VIORM = 630 V peak
(HCPL-2219 Option 060
Only)
• MIL-STD-1772 Version
Available (HCPL-5200/1)
Applications
• Isolation of High Speed
Logic Systems
• Computer-Peripheral
Interfaces
• Microprocessor System
Interfaces
Functional Diagram
• Ground Loop Elimination
• Pulse Transformer
Replacement
• Isolated Buss Driver
• High Speed Line Receiver
Description
The HCPL-2200/2219 are
optically coupled logic gates that
combine a GaAsP LED and an
integrated high gain photo
detector. The detector has a three
state output stage and has a
detector threshold with hysteresis.
The three state output eliminates
the need for a pullup resistor and
allows for direct drive of data
busses. The hysteresis provides
differential mode noise immunity
and eliminates the potential for
output signal chatter.
A superior internal shield on the
HCPL-2219 guarantees common
mode transient immunity of
2.5 kV/
µs at a common mode
voltage of 400 volts.
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
SHIELD
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
ON
OFF
ENABLE
H
H
L
L
VE
OUTPUT
Z
Z
H
L
5965-3596E
H


Similar Part No. - HCPL-2231

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2231 HP-HCPL-2231 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231 HP-HCPL-2231 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2231 AVAGO-HCPL-2231 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCPL-2231

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
Low Input Current Phototransistor Optocouplers
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
Low Input Current Logic Gate Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
Low Input Current Phototransistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
Hermetic Low Input Current Optocouplers
June 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com