Electronic Components Datasheet Search
  English  ▼

X  

HCPL2731 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL2731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2731 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL2731 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1-118
Figure 7. Propagation Delay vs.
Temperature.
Figure 8. Propagation Delay vs. Input
Diode Forward Current.
Figure 6. Propagation Delay to Logic
Low vs. Pulse Period.
Figure 4. Input Diode Forward
Current vs. Forward Voltage.
Figure 5. Supply Current per
Channel vs. Input Diode Forward
Current.
Figure 1. DC Transfer Characteristics.
Figure 2. Current Transfer Ratio vs.
Forward Current.
Figure 3. Output Current vs. Input
Diode Forward Current.
01
2
VO – OUTPUT VOLTAGE – V
60
30
0
IF = 5.0 mA
IF = 4.5 mA
IF = 4.0 mA
IF = 3.5 mA
IF = 1.0 mA
TA = 25° C
VCC = 5.0 V
IF = 0.5 mA
IF = 1.5
mA
IF = 2.0
mA
IF = 2.5
mA
IF = 3.0
mA
IF – FORWARD CURRENT – mA
2500
2000
1000
500
0.1
1.0
10
1500
0
VCC = 5.0 V
VO = 0.4 V
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
IF – INPUT DIODE FORWARD CURRENT – mA
100
10
0.1
0.1
1
10
1.0
TA = 85° C
TA = 25° C
TA = -40° C
VCC = 5.0 V
VO = 0.4 V
IF – INPUT DIODE FORWARD CURRENT – mA
50
40
20
10
02
4
6
10
8
30
0
60
VCC = 5 V
TA = 25° C
70
tPHL RL= 2.2 kΩ OR 4.7 kΩ
tPLH RL= 4.7 kΩ
tPLH RL= 2.2 kΩ
050
TA – TEMPERATURE – °C
18
0
10
20 30 40
60
70 80
90
6
9
12
15
21
24
27
30
33
36
HCPL-2731/0731
(IF = 0.5 mA, RL = 4.7 kΩ)
HCPL-2730/0730
(IF = 1.6 mA, RL = 2.2 kΩ)
tPHL
3
tPLH
tPLH
tPHL
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
T = 25°C
A
–
VF
+
IF – INPUT DIODE FORWARD CURRENT – mA
100
10
0.1
1.0
10
1.0
TA = 25° C
100
0.1
HCPL-2731
VCC= 18 V
HCPL-2730
HCPL-2731
VCC = 7 V
T – INPUT PULSE PERIOD – ms
100
10
0.01
0.1
1.0
1.0
TA = 25° C
10
0.1
HCPL-2731/0731
IF = 0.5 mA
RL= 4.7 kΩ
HCPL-2730/0730
HCPL-2731/0731
IF = 1.6 mA
RL= 2.2 kΩ
0
VO
IF
VOL
tPHL
T
50 µs
1.5 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com