Electronic Components Datasheet Search
  English  ▼

X  

6N137 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # 6N137
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N137 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button 6N137 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 6N137 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1-179
Figure 22. TTL Interface Circuit for the HCPL-261A/-
261N Families.
420
Ω
(MAX)
1
3
2
4
2N3906
(ANY PNP)
VCC
74L504
(ANY
TTL/CMOS
GATE)
HCPL-261X
LED
anode/cathode and output ground
(CLA and CLC). Also shown in
Figure 21 on the input side is an
AC-equivalent circuit. Table 1
indicates the directions of ILP and
ILN flow depending on the
direction of the common-mode
transient.
For transients occurring when the
LED is on, common-mode rejec-
tion (CMRL, since the output is in
the “low” state) depends upon the
amount of LED current drive (IF).
For conditions where IF is close
to the switching threshold (ITH),
CMRL also depends on the extent
which ILP and ILN balance each
other. In other words, any
condition where common-mode
transients cause a momentary
decrease in IF (i.e. when
dVCM/dt>0 and |IFP| > |IFN|,
referring to Table 1) will cause
common-mode failure for
transients which are fast enough.
Likewise for common-mode
transients which occur when the
LED is off (i.e. CMRH, since the
output is “high”), if an imbalance
between ILP and ILN results in a
transient IF equal to or greater
than the switching threshold of
the optocoupler, the transient
“signal” may cause the output to
spike below 2 V (which consti-
tutes a CMRH failure).
By using the recommended
circuit in Figure 20, good CMR
can be achieved. (In the case of
the -261N families, a minimum
CMR of 15 kV/
µs is guaranteed
using this circuit.) The balanced
ILED-setting resistors help equalize
ILP and ILN to reduce the amount
by which ILED is modulated from
transient coupling through CLA
and CLC.
CMR with Other Drive
Circuits
CMR performance with drive
circuits other than that shown in
Figure 20 may be enhanced by
following these guidelines:
1. Use of drive circuits where
current is shunted from the
LED in the LED “off” state (as
shown in Figures 22 and 23).
This is beneficial for good
CMRH.
2. Use of IFH > 3.5 mA. This is
good for high CMRL.
Using any one of the drive
circuits in Figures 22-24 with
IF = 10 mA will result in a typical
CMR of 8 kV/
µs for the HCPL-
261N family, as long as the PC
board layout practices are
followed. Figure 22 shows a
circuit which can be used with
any totem-pole-output TTL/
LSTTL/HCMOS logic gate. The
buffer PNP transistor allows the
circuit to be used with logic
devices which have low current-
sinking capability. It also helps
maintain the driving-gate power-
supply current at a constant level
to minimize ground shifting for
other devices connected to the
input-supply ground.
When using an open-collector
TTL or open-drain CMOS logic
gate, the circuit in Figure 23 may
be used. When using a CMOS
gate to drive the optocoupler, the
circuit shown in Figure 24 may
be used. The diode in parallel
with the RLED speeds the turn-off
of the optocoupler LED.
Figure 21. AC Equivalent Circuit for HCPL-261X.
350
Ω
1/2 RLED
VCC+
15 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
CLA
VO
GND
0.01 µF
1/2 RLED
CLC
ILN
ILP
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com