Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4562 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-4562
Description  High Bandwidth, Analog/Video Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4562 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4562 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1-393
Electrical Specifications (DC)
TA = 25°C, IF = 6 mA for HCPL-4562 and IF = 10 mA for HCNW4562 (i.e., Recommended IFQ) unless
otherwise specified.
Parameter
Symbol
Device
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Base Photo
IPB
13
31
65
µAI
F = 10 mA
VPB ≥ 5 V
2, 6
Current
HCPL-4562
19.2
IF = 6 mA
IPB
∆I
PB/
-0.3
%/
°C 2 mA < I
F < 10 mA,
2
Temperature
∆TV
PB ≥ 5 V
Coefficient
IPB
HCPL-4562
0.25
%
2 mA < IF < 10 mA
2, 6
3
Nonlinearity
HCNW4562
0.15
6 mA < IF < 14 mA
Input Forward
VF
HCPL-4562
1.1
1.3
1.6
V
IF = 5 mA
5
Voltage
HCNW4562
1.2
1.6
1.8
IF = 10 mA
Input Reverse
BVR
HCPL-4562
1.8
5
V
IR = 10 µA
Breakdown
HCNW4562
3
IR = 100 µA
Voltage
Transistor
hFE
60
160
IC = 1 mA,
Current Gain
VCE = 1.25 V
Current
CTR
HCPL-4562
45
%
VCE = 1.25 V,
8, 9
4
Transfer Ratio
HCNW4562
52
VPB ≥ 5 V
DC Output
VOUT
HCPL-4562
4.25
V
GV = 2, VCC = 9 V
4,
Voltage
HCNW4562
5.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com