Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2601 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-2601
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2601 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
1-181
Figure 25. Illustration of Propagation Delay Skew – tPSK.
50%
1.5 V
I F
VO
50%
I F
VO
tPSK
1.5 V
TPHL
TPLH
Figure 26. Parallel Data Transmission Example.
DATA
t PSK
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
t PSK
data transmission rate. Figure 26
is the timing diagram of a typical
parallel data application with both
the clock and the data lines being
sent through optocouplers. The
figure shows data and clock
signals at the inputs and outputs
of the optocouplers. To obtain the
maximum data transmission rate,
both edges of the clock signal are
being used to clock the data; if
only one edge were used, the
clock signal would need to be
twice as fast.
Propagation delay skew repre-
sents the uncertainty of where an
edge might be after being sent
through an optocoupler. Figure
26 shows that there will be
uncertainty in both the data and
the clock lines. It is important
that these two areas of uncer-
tainty not overlap, otherwise the
clock signal might arrive before
all of the data outputs have
settled, or some of the data
outputs may start to change
before the clock signal has
arrived. From these considera-
tions, the absolute minimum
pulse width that can be sent
through optocouplers in a parallel
application is twice tPSK. A
cautious design should use a
slightly longer pulse width to
ensure that any additional
uncertainty in the rest of the
circuit does not cause a problem.
The tPSK specified optocouplers
offer the advantages of guaran-
teed specifications for propaga-
tion delays, pulse-width
distortion, and propagation delay
skew over the recommended
temperature, input current, and
power supply ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com