Electronic Components Datasheet Search
  English  ▼

X  

HCPL-5300 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-5300
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5300 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1-55
Switching Specifications (RL= 20 kΩ External)
Over recommended operating conditions unless otherwise specified:
TA = -40°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
IF(on) = 10 mA,
10,
9,
Time to Low
VF(off) = 0.8 V,
12,
12,
Output Level
14-17
14
Propagation Delay
tPLH
Time to High
Output Level
Pulse Width
PWD
200
450
ns
CL = 100 pF
18
Distortion
Propagation Delay
tPLH-tPHL -150
200
450
ns
15
Difference Between
Any 2 Parts
Output High Level
|CMH|15
30
kV/
µsI
F = 0 mA,
VCC = 15.0 V,
11
16
Common Mode
VO > 3.0 V
CL = 100 pF,
Transient Immunity
VCM = 1500 VP-P
Output Low Level
|CM
L|15
30
kV/
µsI
F = 10 mA
17
Common Mode
V
O < 1.0 V
Transient Immunity
Switching Specifications (RL = Internal Pull-up)
Over recommended operating conditions unless otherwise specified:
TA = -40°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
20
200
400
ns
IF(on) = 10 mA, VF(off) = 0.8 V,
10,
9-12,
Time to Low
VCC = 15.0 V, CL = 100 pF,
13
14
Output Level
VTHLH = 2.0 V, VTHHL = 1.5 V
Propagation Delay
tPLH
220
450
650
ns
Time to High
Output Level
Pulse Width
PWD
250
500
ns
18
Distortion
Propagation Delay
tPLH-tPHL -150
250
500
ns
15
Difference Between
Any 2 Parts
Output High Level
|CMH|30
kV/
µsI
F = 0 mA,
VCC = 15.0 V,
11
16
Common Mode
VO > 3.0 V
CL = 100 pF,
Transient Immunity
VCM = 1500 VP-P,
Output Low Level
|CML|
30
kV/
µsI
F = 16 mA,
17
Common Mode
VO < 1.0 V
Transient Immunity
Power Supply
PSR
1.0
V
P-P
Square Wave, t
RISE, tFALL
14
Rejection
> 5 ns, no bypass capacitors
*All typical values at 25
°C, V
CC = 15 V.
†VF(off) = -3 V to 0.8 V for HCNW4506.
VCC = 15.0 V,
VTHLH = 2.0 V,
VTHHL = 1.5 V
130
CL = 10 pF
30
200
400
ns
CL = 100 pF
100
ns
CL = 10 pF
270
400
550
ns
CL = 100 pF
T
A = 25°C
T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com