Electronic Components Datasheet Search
  English  ▼

X  

HCPL-5301 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-5301
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1-54
Electrical Specifications
Over recommended operating conditions unless otherwise specified:
TA = -40
°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20 mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol Min. Typ.* Max. Units
Test Conditions
Fig. Note
Current Transfer Ratio
CTR
44
90
%
IF = 10 mA, VO = 0.6 V
5
Low Level Output Current
IOL
4.4
9.0
mA
IF = 10 mA, VO = 0.6 V
5,6
Low Level Output Voltage
VOL
0.3
0.6
V
IO = 2.4 mA
Input Threshold Current
ITH
1.5
5.0
mA
VO = 0.8 V, IO = 0.75 mA
5
14
High Level Output Current
IOH
550
µAVF = 0.8 V
7
High Level Supply Current
ICCH
0.6
1.3
mA
VF = 0.8 V, VO = Open
14
Low Level Supply Current
ICCL
0.6
1.3
mA
IF = 10 mA, VO = Open
14
Input Forward Voltage
VF
1.5
1.8
V
HCPL-4506
IF = 10 mA
8
HCPL-0466
1.6
1.85
HCNW4506
9
Temperature Coefficient
∆VF/∆TA
-1.6
mV/
°C HCPL-4506 IF = 10 mA
of Forward Voltage
HCPL-0466
-1.3
HCNW4506
Input Reverse Breakdown
BVR
5
V
HCPL-4506
IR = 100
µA
Voltage
HCPL-0466
3
HCNW4506
Input Capacitance
CIN
60
pF
HCPL-4506
f = 1 MHz,
HCPL-0466
VF = 0 V
72
HCNW4506
Internal Pull-up Resistor
RL
14
20
25
k
Ω
TA = 25
°C10,11
Internal Pull-up Resistor
∆RL/∆TA
0.014
k
Ω/°C
Temperature Coefficient
*All typical values at 25
°C, VCC = 15 V.
†VF(off) = -3 V to 0.8 V for HCNW4506.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
30
Volts
Output Voltage
VO
0
30
Volts
Input Current (ON)
IF(on)
10
20
mA
Input Voltage (OFF)
VF(off)*
-5
0.8
V
Operating Temperature
TA
-40
100
°C
*Recommended VF(OFF) = -3 V to 0.8 V for HCNW4506.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current[1]
IF(avg)
25
mA
Peak Input Current[2] (50% duty cycle,
≤ 1 ms pulse width)
IF(peak)
50
mA
Peak Transient Input Current (<1
µs pulse width, 300 pps)
IF(tran)
1.0
A
Reverse Input Voltage (Pin 3-2)
HCPL-4506, HCPL-0466
VR
5
Volts
HCNW4506
3
Average Output Current (Pin 6)
IO(avg)
15
mA
Resistor Voltage (Pin 7)
V7
-0.5
VCC
Volts
Output Voltage (Pin 6-5)
VO
-0.5
30
Volts
Supply Voltage (Pin 8-5)
VCC
-0.5
30
Volts
Output Power Dissipation[3]
PO
100
mW
Total Power Dissipation[4]
PT
145
mW
Lead Solder Temperature (HCPL-4506)
260
°C for 10 s, 1.6 mm below seating plane
Lead Solder Temperature (HCNW4506)
260
°C for 10 s (up to seating plane)
Infrared and Vapor Phase Reflow Temperature
See Package Outline Drawings Section
(HCPL-0466 and Option 300)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com