Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7101 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-7101
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7101 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7101 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1-414
Figure 15. Dependence of Safety-Limiting Data on
Ambient Temperature.
Figure 13. Test Circuit for Common Mode Transient
Immunity and Typical Waveforms.
Figure 14. Typical Common Mode
Transient Immunity vs. Common Mode
Transient Voltage.
VDD1 = 5.0 V
VDD2 = 5.0 V
TA = 25 °C
OUTPUT, VO
V
OL
0
0
TA – TEMPERATURE – °C
180
400
120
40
80
160
100
200
300
OUTPUT POWER, PS
INPUT POWER, PS
20
60
100
140
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com