Electronic Components Datasheet Search
  English  ▼

X  

HCPL-643X Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-643X
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643X Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1-533
Figure 9. Typical Enable Propagation
Delay vs. Ambient Temperature.
(Single Channel Product Only).
Figure 11. Test Diagram for Common Mode
Transient Immunity and Typical Waveforms.
VFF
GND
VCC
VCM
+–
PULSE GEN.
B
D.U.T.
IF
OUTPUT VO
MONITORING
NODE
VCC = 5.0 V
† CL
15 pF
+
–
A
0.1 µF*
Figure 10. Propagation Delay Skew,
tPSK, Waveform.
Figure 12. Operating Circuit for Burn-In and Steady State
Life Tests.
GND
VCC
D.U.T.*
* FOR SINGLE CHANNEL UNITS,
GROUND ENABLE PIN.
CONDITIONS: IF = 10 mA
VCC = 5.25 V
VIN
+–
IF
IO = 25 mA
0.01 µF
TA = +125 °C
2.1 V
100
Ω TYP.
IO
100
Ω
ICC
VDC = 3.0 V
tPSK
←
→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com