Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7825 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-7825
Description  High CMR Analog Isolation Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7825 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-7825 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1-236
Regulatory Information
The HCPL-7820/7825 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition Program,
FILE E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
VDE 0884 (06.92) Insulation Characteristics
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 600 V rms
I-III
Climatic Classification
40/100/21
Pollution Degree (DIN VDE 0110, Table 1)*
2
Maximum Working Insulation Voltage
VIORM
848
V peak
Input to Output Test Voltage, Method b**
VPR
1591
V peak
VPR = 1.875 x VIORM, Production test with tp = 1 sec,
Partial discharge < 5 pC
Input to Output Test Voltage, Method a**
VPR
1273
V peak
VPR = 1.5 x VIORM, Type and sample test with tp = 60 sec,
Partial discharge < 5 pC
Highest Allowable Overvoltage**
VTR
6000
V peak
(Transient Overvoltage tTR = 10 sec)
Safety-limiting values (Maximum values allowed in the event
of a failure, also see Figure 22)
Case Temperature
TS
175
°C
Input Power
PS,Input
80
mW
Output Power
PS,Output
250
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 1x1012
Ω
*This part may also be used in Pollution Degree 3 environments where the rated mains voltage is
≤ 300 V rms (per DIN VDE 0110).
**Refer to the front of the optocoupler section of the current catalog for a more detailed description of VDE 0884 and other product
safety requirements.
Note: Optocouplers providing safe electrical separation per VDE 0884 do so only within the safety-limiting values to which they are
qualified. Protective cut-out switches must be used to ensure that the safety limits are not exceeded.
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.4
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air
Min. External Tracking Path
L(IO2)
8.0
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body
Min. Internal Plastic Gap
0.5
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and
photodetector inside the optocoupler
cavity
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
III a
Material Group (DIN VDE 0110, 1/89,
Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
VDE
Approved according to VDE
0884/06.92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com