Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7860 Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 28Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
1-287
+
-
MOTOR
HV-
HV+
RSENSE
FLOATING
POSITIVE
SUPPLY
GATE DRIVE
CIRCUIT
VDD1
VIN+
VIN-
GND1
VDD2
MCLK
MDAT
GND2
HCPL-7860
C1
0.1 µF
C2a
0.01 µF
R2a 39
Ω
R1
D1
5.1 V
C2b
0.01 µF
R2b 39
Ω
Figure 23. Schematic for Three Conductor Shunt Connection.
In some applications, however,
supply currents flowing through
the power-supply return path may
cause offset or noise problems. In
this case, better performance
may be obtained by connecting
VIN+ and VIN- directly across the
shunt resistor with two conduc-
tors, and connecting GND1 to the
shunt resistor with a third
conductor for the power-supply
return path, as shown in Figure
23. When connected this way,
both input pins should be
bypassed. To minimize electro-
magnetic interference of the
sense signal, all of the conductors
(whether two or three are used)
connecting the isolated modula-
tor to the sense resistor should be
either twisted pair wire or closely
spaced traces on a PC board.
The 39
Ω resistor in series with
the input lead (R2) forms a low-
pass anti-aliasing filter with the
0.01
µF input bypass capacitor
(C2) with a 400 kHz bandwidth.
The resistor performs another
important function as well; it
dampens any ringing which might
be present in the circuit formed
by the shunt, the input bypass
capacitor, and the inductance of
wires or traces connecting the
two. Undamped ringing of the
input circuit near the input
sampling frequency can alias into
the baseband producing what
might appear to be noise at the
output of the device.
Voltage Sensing
The HCPL-7860 Isolated Modula-
tor can also be used to isolate
signals with amplitudes larger
than its recommended input
range with the use of a resistive
voltage divider at its input. The
only restrictions are that the
impedance of the divider be
relatively small (less than 1 k
Ω)
so that the input resistance
(280 k
Ω) and input bias current
(1
µA) do not affect the accuracy
of the measurement. An input
bypass capacitor is still required,
although the 39
Ω series damping
resistor is not (the resistance of
the voltage divider provides the
same function). The low-pass
filter formed by the divider
resistance and the input bypass
capacitor may limit the achievable
bandwidth. To obtain higher
bandwidth, the input bypass
capacitor (C2) can be reduced,
but it should not be reduced
much below 1000 pF to maintain
adequate input bypassing of the
isolated modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com