Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6430 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-6430
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6430 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-6430 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6430 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1-526
7
5
6
8
1
2
3
4
VCC
GND
VE
VO
Functional Diagrams
8 Pin DIP
8 Pin DIP
20 Pad LCCC
Through Hole
Through Hole
Surface Mount
1 Channel
2 Channels
2 Channels
Note: All DIP devices have common VCC and ground. LCCC (leadless ceramic chip carrier) package has isolated channels with
separate VCC and ground connections.
Outline Drawings
VCC
7
5
6
8
VO1
GND
1
2
3
4
VO2
GND1
VO2
19
20
2
3
VO1
8
7
VCC2
VCC1
10
GND2
15
13
12
20 Terminal LCCC Surface Mount, 2 Channels
8.70 (0.342)
9.10 (0.358)
4.95 (0.195)
5.21 (0.205)
1.78 (0.070)
2.03 (0.080)
1.02 (0.040) (3 PLCS)
4.95 (0.195)
5.21 (0.205)
8.70 (0.342)
9.10 (0.358)
1.78 (0.070)
2.03 (0.080)
0.51 (0.020)
0.64
(0.025)
(20 PLCS)
1.52 (0.060)
2.03 (0.080)
METALIZED
CASTILLATIONS (20 PLCS)
2.16 (0.085)
TERMINAL 1 IDENTIFIER
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
SOLDER THICKNESS 0.127 (0.005) MAX.
1.14 (0.045)
1.40 (0.055)
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
8 Pin DIP Through Hole, 1 and 2 Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com