Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2602 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL-2602
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2602 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
1-180
Figure 24. CMOS Gate Drive Circuit for HCPL-261A/-
261N Families.
Table 1. Effects of Common Mode Pulse Direction on Transient ILED
If |ILP| < |ILN|,
If |ILP| > |ILN|,
LED IF Current
LED IF Current
If dVCM/dt Is:
then ILP Flows:
and ILN Flows:
Is Momentarily:
Is Momentarily:
positive (>0)
away from LED
away from LED
increased
decreased
anode through CLA
cathode through CLC
negative (<0)
toward LED
toward LED
decreased
increased
anode through CLA
cathode through CLC
Figure 23. TTL Open-Collector/Open Drain Gate Drive Circuit
for HCPL-261A/-261N Families.
820
Ω
1
3
2
4
VCC
74HC00
(OR ANY
OPEN-COLLECTOR/
OPEN-DRAIN
LOGIC GATE)
HCPL-261X
LED
750
Ω
1
3
2
4
VCC
74HC04
(OR ANY
TOTEM-POLE
OUTPUT LOGIC
GATE)
HCPL-261A/261N
1N4148
LED
Propagation Delay, Pulse-
Width Distortion and
Propagation Delay Skew
Propagation delay is a figure of
merit which describes how
quickly a logic signal propagates
through a system. The propaga-
tion delay from low to high (tPLH)
is the amount of time required for
an input signal to propagate to
the output, causing the output to
change from low to high.
Similarly, the propagation delay
from high to low (tPHL) is the
amount of time required for the
input signal to propagate to the
output, causing the output to
change from high to low (see
Figure 9).
Pulse-width distortion (PWD)
results when tPLH and tPHL differ
in value. PWD is defined as the
difference between tPLH and tPHL
and often determines the
maximum data rate capability of
a transmission system. PWD can
be expressed in percent by
dividing the PWD (in ns) by the
minimum pulse width (in ns)
being transmitted. Typically,
PWD on the order of 20-30% of
the minimum pulse width is
tolerable; the exact figure
depends on the particular appli-
cation (RS232, RS422, T-1, etc.).
Propagation delay skew, tPSK, is
an important parameter to con-
sider in parallel data applications
where synchronization of signals
on parallel data lines is a con-
cern. If the parallel data is being
sent through a group of opto-
couplers, differences in propaga-
tion delays will cause the data to
arrive at the outputs of the opto-
couplers at different times. If this
difference in propagation delay is
large enough it will determine the
maximum rate at which parallel
data can be sent through the
optocouplers.
Propagation delay skew is defined
as the difference between the
minimum and maximum propaga-
tion delays, either tPLH or tPHL, for
any given group of optocouplers
which are operating under the
same conditions (i.e., the same
drive current, supply voltage,
output load, and operating
temperature). As illustrated in
Figure 25, if the inputs of a group
of optocouplers are switched
either ON or OFF at the same
time, tPSK is the difference
between the shortest propagation
delay, either tPLH or tPHL, and the
longest propagation delay, either
tPLH or tPHL.
As mentioned earlier, tPSK can
determine the maximum parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com