| Electronic Components Datasheet Search |
|
HDMP-1014 Datasheet(PDF) 34 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HDMP-1014 Datasheet(HTML) 34 Page - Agilent(Hewlett-Packard) |
|
34 / 42 page ![]() 606 receive FF1, causing STAT0 to go high, which asserts the enable data (ED) pin on the Tx. The ED signal is retimed to signify to the host that the Tx is ready to send data (RFD). Other configurations for duplex mode are also possible with external user-defined state machines. Simplex operation using G-LINK is also possible. The following sections discuss three different types of simplex configurations. Simplex Method I. Simplex with Low-Speed Return Path Low-speed lines are used in the simplex method of Figure 17a. The remote Rx controls the states of both the Rx and the local Tx using these low speed lines. This is ideal for cases where these non- critical lines are available. Again, a power on reset is available to the user. This connection between the Tx and Rx is identical to one side of the duplex configuration. When the Tx is locked, the Rx is enabled via the LOCKED line. The Rx’s STAT0 and STAT1 outputs are low, causing the local Tx to send FF0. When the Rx is frame locked, STAT1 is raised, which disables its frequency detector, sets itself to active mode, and tells Tx to send FF1. Upon receiving FF1 from the Tx, the Rx’s STAT0 line is raised, which enables the Tx (ED) for data transmission. If desired, the Rx reset pin (SMCRST1) can be tied high, and Figure 17: Simplex Configurations. Tx DATA INTERFACE DOUT OPTIONS Rx DATA INTERFACE DIN LIN Rx Tx POWER-ON RESET LOUT POWER-ON RESET OPTIONS Tx DATA INTERFACE DOUT OPTIONS Rx DATA INTERFACE DIN LIN Rx Tx POWER-ON RESET LOUT POWER-ON RESET OPTIONS Tx DATA INTERFACE DOUT OPTIONS Rx DATA INTERFACE LIN DIN Rx Tx POWER-ON RESET LOUT POWER-ON RESET OPTIONS LOW SPEED LINES A) SIMPLEX METHOD I WITH LOW-SPEED RETURN PATH B) SIMPLEX METHOD II WITH PERIODIC SYNC PULSE PERIODIC SYNC PULSES OSC C) SIMPLEX METHOD III WITH EXTERNAL REFERENCE OSCILLATOR FREQ = FRAME RATE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |