Electronic Components Datasheet Search
  English  ▼

X  

PS2701-2 Datasheet(PDF) 1 Page - NEC

Part # PS2701-2
Description  HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2701-2 Datasheet(HTML) 1 Page - NEC

  PS2701-2 Datasheet HTML 1Page - NEC PS2701-2 Datasheet HTML 2Page - NEC PS2701-2 Datasheet HTML 3Page - NEC PS2701-2 Datasheet HTML 4Page - NEC PS2701-2 Datasheet HTML 5Page - NEC PS2701-2 Datasheet HTML 6Page - NEC PS2701-2 Datasheet HTML 7Page - NEC PS2701-2 Datasheet HTML 8Page - NEC PS2701-2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
©
1988
Document No. P11306EJ6V0DS00 (6th edition)
Date Published December 1997 NS CP (K)
Printed in Japan
PHOTOCOUPLER
PS2701-1,PS2701-2,PS2701-4
HIGH ISOLATION VOLTAGE
SOP MULTI PHOTOCOUPLER
The mark

 shows major revised points.
−NEPOCTM Series−
DESCRIPTION
The PS2701-1, PS2701-2, PS2701-4, are optically coupled isolators containing a GaAs light emitting diode and an
NPN silicon phototransistor.
This package is SOP (Small Outline Package) type and has shield effect to cut off ambient light.
It is designed for high density mounting applications.
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• SOP (Small Outline Package) type
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product (only 1-channel type) : PS2701-1-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option)
APPLICATIONS
•Hybrid IC
• Measuring instruments
• Power supply
• Programmable logic controllers
ORDERING INFORMATION
Part Number
Package
Safety Standard Approval
PS2701-1
4-pin SOP
Standard products
PS2701-2
8-pin SOP
• UL approved
PS2701-4
16-pin SOP
PS2701-1-V
4-pin SOP
VDE0884 approved products (Option)
PS2701-2-V
8-pin SOP
PS2701-4-V
16-pin SOP


Similar Part No. - PS2701-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
Guangdong Youtai Semico...
PS2701-1 UMW-PS2701-1 Datasheet
1Mb / 6P
Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
logo
California Eastern Labs
PS2701-1-A CEL-PS2701-1-A Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F3 CEL-PS2701-1-F3 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2701-2

ManufacturerPart #DatasheetDescription
logo
NEC
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1_15 Datasheet
253Kb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com