Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATMEGA64
Description  High-performance, Low-power Atmel AVR
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATMEGA64 Datasheet HTML 70Page - ATMEL Corporation ATMEGA64 Datasheet HTML 71Page - ATMEL Corporation ATMEGA64 Datasheet HTML 72Page - ATMEL Corporation ATMEGA64 Datasheet HTML 73Page - ATMEL Corporation ATMEGA64 Datasheet HTML 74Page - ATMEL Corporation ATMEGA64 Datasheet HTML 75Page - ATMEL Corporation ATMEGA64 Datasheet HTML 76Page - ATMEL Corporation ATMEGA64 Datasheet HTML 77Page - ATMEL Corporation ATMEGA64 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 414 page
background image
74
2490R–AVR–02/2013
ATmega64(L)
Note:
1. ADA is short for ADdress Active and represents the time when address is output. See “Exter-
nal Memory Interface” on page 27 for details.
Alternate Functions of
Port B
The Port B pins with alternate functions are shown in Table 30.
Note:
1. OC1C not applicable in ATmega103 compatibility mode.
The alternate pin configuration is as follows:
• OC2/OC1C, Bit 7
OC2, Output Compare Match output: The PB7 pin can serve as an external output for the
Timer/Counter2 Output Compare. The pin has to be configured as an output (DDB7 set (one)) to
serve this function. The OC2 pin is also the output pin for the PWM mode timer function.
OC1C, Output Compare Match C output: The PB7 pin can serve as an external output for the
Timer/Counter1 Output Compare C. The pin has to be configured as an output (DDB7 set (one))
to serve this function. The OC1C pin is also the output pin for the PWM mode timer function.
Table 29. Overriding Signals for Alternate Functions in PA3..PA0(1)
Signal
Name
PA3/AD3
PA2/AD2
PA1/AD1
PA0/AD0
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR | ADA) •
PORTA3 • PUD
~(WR | ADA) •
PORTA2 • PUD
~(WR | ADA) •
PORTA1 • PUD
~(WR | ADA) •
PORTA0 • PUD
DDOE
SRE
SRE
SRE
SRE
DDOV
WR | ADA
WR | ADA
WR | ADA
WR | ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
A3 • ADA | D3
OUTPUT • WR
A2• ADA | D2
OUTPUT • WR
A1 • ADA | D1
OUTPUT • WR
A0 • ADA | D0
OUTPUT • WR
DIEOE
00
00
DIEOV
00
00
DI
D3 INPUT
D2 INPUT
D1 INPUT
D0 INPUT
AIO
––
––
Table 30. Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC2/OC1C(1) (Output Compare and PWM Output for Timer/Counter2 or Output
Compare and PWM Output C for Timer/Counter1)
PB6
OC1B (Output Compare and PWM Output B for Timer/Counter1)
PB5
OC1A (Output Compare and PWM Output A for Timer/Counter1)
PB4
OC0 (Output Compare and PWM Output for Timer/Counter0)
PB3
MISO (SPI Bus Master Input/Slave Output)
PB2
MOSI (SPI Bus Master Output/Slave Input)
PB1
SCK (SPI Bus Serial Clock)
PB0
SS (SPI Slave Select input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com