Electronic Components Datasheet Search
  English  ▼

X  

ST201117 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST201117
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST201117 Datasheet(HTML) 1 Page - E-SWITCH

  ST201117 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
DETAIL A
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200AWMDP1T1A4M2REH SPECIAL
2:1
12/11/2008
ST201117
C
BLR
1
1
CIRCUIT: DPDT
P.C. MOUNTING
PANEL
MOUNTING
A
8.81
[.347 in]
25~
POS.1
POS. 3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
1
3
5
4
6
2.54
[.100 in]
5.08
[.200 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA @ 20VAC OR VDC MAX.
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. SEAL RATED: IP 67
13. HARDWARE TO BE SHIPPED BULK
T200001 - HEXNUT (QTY 2)
T200000 - LOCKWASHER (QTY 1)
T200002 - LOCKRING (QTY 1)
A
18169
RELEASED FOR PRODUCTION
7/10/08
BLR
8.13
[.320 in]
9.14
[.360 in]
8.81
[.347 in]
2.54
[.100 in]
5.08
[.200 in]
3.30
[.130 in]
.51
[.020 in]
2.54
[.100 in]
Ø
.76
[.030 in]
n1.09
[.043 in]
4
5
6
EPOXY SEAL
6
3
10-48 UNS 2A
FULL LENGTH
(LESS CHAMFER
AND FLANGE)
5.90
[.232 in]
RATING,
E-SWITCH LOGO
FLAT
(LOCATION IS
CRITICAL)
2.09
[.082 in]
4.57
[.180 in]
1
2
3
4
5
6
FLAT
(REF)
B
18181
ACTUATOR / BUSHING HEIGHTS
FINALIZED
7/18/08
BLR
B
B
C
18347
ADD FLANGE, CHAMFER TO BUSHING
12/11/08
BLR
.40
[.016 in] X 45°
CHAMFER
4.85
[.191 in]
4.60
[.181 in]
n
(REF)
.80
[.031 in]
2.36
[.093 in]
C
C


Similar Part No. - ST201117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2010 ETC1-ST2010 Datasheet
178Kb / 2P
20-INCH WIDESCREEN FLAT PANEL MONITOR
logo
Sangdest Microelectroni...
ST20100 SMC-ST20100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST20100 SMCDIODE-ST20100 Datasheet
440Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Shanghai Shunye Electro...
ST20100 SHUNYE-ST20100 Datasheet
1Mb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Littelfuse
ST20100B LITTELFUSE-ST20100B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results

Similar Description - ST201117

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com