Electronic Components Datasheet Search
  English  ▼

X  

ST201238 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST201238
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST201238 Datasheet(HTML) 1 Page - E-SWITCH

  ST201238 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MSP1T4B1M2QEH
4=1
7/21/05
ST201238
B
RC
1
1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
2
13
n1.09
[.043 in]
2.54
[.100 in]
2.54
[.100 in]
PCB MOUNTING
CIRCUIT SPDT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3 AMPS @ 120VAC OR 28VDC UL, CUL
1 AMPS @ 250VAC UL, CUL
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. HARDWARE TO BE SHIPPED BULK
T200001 HEXNUT - QTY. 2
T200000 - LOCKWASHER - QTY 1
T200002 - LOCKRING - QTY 1
12. 2002/95/EC (ROHS) COMPLIANT
A
15075
NEW RELEASE
7/21/05
RC
5.08
[.200 in]
8.13
[.320 in]
n6.00
[.236 in]
5.59
[.220 in]
8.64
[.340 in]
.51
[.020 in]
2.54
[.100 in]
.51
[.020 in]
3.39
[.133 in]
.76
[.030 in]
25
~
POS 1
POS 3
"E" LOGO ON
OPPOSITE SIDE
NO EPOXY ON TERMINALS
BELOW THIS SURFACE
10-49 UNS-2A
THREAD
12.70
[0.500]
B
15613
CHANGE HEX NUT, ADD ROHS NOTE
12/16/05
PH


Similar Part No. - ST201238

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST20120 SMC-ST20120 Datasheet
107Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST20120 SMCDIODE-ST20120 Datasheet
305Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST20120C SMC-ST20120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
ABC Taiwan Electronics ...
ST2012100ML ABC-ST2012100ML Datasheet
570Kb / 8P
SMD TOROIDAL POWER FILTER
ST2012121ML ABC-ST2012121ML Datasheet
570Kb / 8P
SMD TOROIDAL POWER FILTER
More results

Similar Description - ST201238

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com