Electronic Components Datasheet Search
  English  ▼

X  

M22 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # M22
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M22 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button M22 Datasheet HTML 11Page - Omron Electronics LLC M22 Datasheet HTML 12Page - Omron Electronics LLC M22 Datasheet HTML 13Page - Omron Electronics LLC M22 Datasheet HTML 14Page - Omron Electronics LLC M22 Datasheet HTML 15Page - Omron Electronics LLC M22 Datasheet HTML 16Page - Omron Electronics LLC M22 Datasheet HTML 17Page - Omron Electronics LLC M22 Datasheet HTML 18Page - Omron Electronics LLC M22 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
Using the Microload
Insert a contact protection circuit, if necessary, to prevent the
reduction of life expectancy due to extreme wear on the contacts
caused by loads where inrush current occurs when the contact is
opened and closed.
The minimum applicable load is the N-level reference value. This
value indicates the malfunction reference level for the reliability
level of 60% (λ 60) (conforming to JIS C5003).
The equation, λ 60 = 0.5 x 10--4/time indicates that the estimated
malfunction rate is less than 1/2,000,000 with a reliability level of
60%.
Area of use
General-purpose load area
Microload area
Invalid
area
Current (mA)
LEDs
The LED current-limiting resistor is built-in, so internal resistance
is not required.
If commercially available LEDs are used, select the ones that
meet the following conditions:
Base: BA9S/13j
Overall length: 26 mm max.
Power consumption: 2.6 W max.
Others
The oil-resistant IP65 uses NBR rubber and is resistant to
general cutting oil and cooling oil. Some particular oils cannot be
used with the oil-resistant IP65, however, so contact your
OMRON representative for details.
If the panel is to be finished with coating, etc., make sure that the
panel meets the specified dimensions after the coating.
Do not subject the Switch to extreme shock or vibration. Doing so
will cause malfunctions and damage to the Switch.
Do not let sharp objects come into contact with the Switches that are
made of resin. Doing so will damage the Switches, causing
scratches on the outside of the Operational Units, and malfunction.
When handling the Switches, do not throw or drop them.
Do not allow the Switch
to drop and hit the
ground.
Do not place or drop
heavy objects on the
Switch.
Do not operate the Switch
with hard or sharp objects.
Hammer
Screwdriver
Cat. No. CEDSAX4
11/01
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS LLC
One East Commerce Drive
Schaumburg, IL 60173
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465
R
OMRON ON--LINE
Global -- http://www.omron.com
USA -- http://www.omron.com/oei
Canada -- http://www.omron.com/oci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com