Electronic Components Datasheet Search
  English  ▼

X  

E22BA3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E22BA3
Description  Oiltight Switches Pilot Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E22BA3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E22BA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ø22mm - TW Series
593
USA: 800-262-IDEC
Canada: 888-317-IDEC
Oiltight Switches & Pilot Devices
Accessories
TW Series Accessories
Appearance
Description/Usage
Part Number
Lamp Removal Tool
Rubber tool used to install or remove LED’s and incandescent lamps
OR-55
Contact Block Remover
Used to remove contact blocks, transformers, lenses, and adaptors. Can also be used to
determine panel thickness adjustment.
TW-KC1
Nut Locking Wrench
Used in OR-14 locking wrench to tighten locking nuts inside square bezel
TW-KQ2
Metal Bezel
Chrome plated bezels
tighten onto operator
(replacement for
damaged bezels)
Standard octagonal units (chrome-pl.)
AW-R8
Full shroud octagonal units (chrome-pl.)
AW-RF8
Full shroud mushroom head units Ø 40mm
AW-G4
Plastic Bezel
Black plastic bezels for
square buttons
(replacement for
damaged bezels)
Round flush units (black plastic)
AW-RP1B
Round extended units (black plastic)
AW-FP1B
Square units (black plastic)
AW-Q1B
Square units with full shroud (black plastic)
AW-QF1B
Boot/Cover
Used to cover and protect
pushbuttons
Waterproof lens cover for square pilot lights
APW00LN
Waterproof lens cover for square illuminated buttons
APW00L
Clear boot for round flush units
OC-31
Clear boot for round extended units
OC-32
*In place of asterisk, specify Rubber Boot color:
B (black), G (green), R (red), Y (yellow) - (nitril rubber)
OCW-11*
Anti-Rotation Ring
Ring to prevent operator base from rotating in the mounting hole.
Used when nameplate is not used
OGL-31
Mounting Hole Plug
Black rubber plug fills unused mounting holes in panel.
OB-31
Metallic Mounting Hole
Plug
For plugging unused mounting holes in the panel. Tighten the attached locking ring to a torque of
12 kfg-cm maximum
Degree of protection: IP66
LW9Z-BM
Replacement Keys
Pair of keys (#0)
TW-SK
Replacement Black
Sleeve for Keyswitch
AKW2B-B
Metal Button Guard
Used on flush buttons to prevent inadvertent actuation
OLW-C


Similar Part No. - E22BA3

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E22 GILWAY-E22 Datasheet
129Kb / 3P
T-1 and T-1 3/4, Infrared LEDs
logo
List of Unclassifed Man...
E22 ETC2-E22 Datasheet
73Kb / 4P
Thermal Cutouts Temperature Protection for Electronics
logo
ZF Friedrichshafen AG
E22 ZFSWITCHES-E22 Datasheet
1Mb / 5P
High temperature versions optional
logo
Ferroxcube Internationa...
E22 FERROXCUBE-E22 Datasheet
61Kb / 6P
Planar E cores and accessories
2008 Sep 01
logo
Omron Electronics LLC
E22-01 OMRON-E22-01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
More results

Similar Description - E22BA3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
List of Unclassifed Man...
AB6M-V1-R ETC2-AB6M-V1-R Datasheet
1Mb / 14P
A6 Series Miniature Switches and Pilot Devices 16mm
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
Oiltight Switches and Pilot Devices
logo
Festo Corporation.
119600 FESTO-119600 Datasheet
99Kb / 2P
Pilot valve
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
logo
ABB
1SFC151007C0201 ABB-1SFC151007C0201 Datasheet
25Mb / 172P
Pilot devices, 22 mm The complete offering
Rev D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com