Electronic Components Datasheet Search
  English  ▼

X  

MBR40150CT Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR40150CT
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR40150CT Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR40150CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR40150CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0773, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR40150CT
MBR40150CT SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150
°C TJ operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-220AB
Dimensions in
millimeters
Symbol
Min
Typical
Max
A
4.42
4.57
4.72
A1
1.17
1.27
1.37
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
D
14.94
15.24
15.54
D1
8.85
9.00
9.15
E
10.01
10.16
10.31
e
2.54
e1
5.06
H1
6.04
6.24
6.44
L
12.7
13.56
13.78
L1
3.5
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
7°
Θ2
3°
Θ3
4°


Similar Part No. - MBR40150CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR40150CT SIRECT-MBR40150CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 40Amp 150Volt
logo
Microdiode Semiconducto...
MBR40150CT CHENDA-MBR40150CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
logo
Gaomi Xinghe Electronic...
MBR40150CT GXELECTRONICS-MBR40150CT Datasheet
345Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MBR40150CT YFWDIODE-MBR40150CT Datasheet
853Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR40150CT SKTECHNOLGY-MBR40150CT Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR40150CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com