Electronic Components Datasheet Search
  English  ▼

X  

MBRB2060CT Datasheet(PDF) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB2060CT
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB2060CT Datasheet(HTML) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB2060CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB2060CT Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0118, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRB2060CT
1
10
100
0.15
0.25 0.35
0.45 0.55
0.65
0.75 0.85
0.95
1.05 1.15
1.25 1.35
1.45
Forward voltage Drop-VF(V)
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
Reverse Voltage-VR(V)
10
100
1000
5
10
15
20
25
30
35
40
Reverse Voltage-VR(V)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃
TJ=25℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com