Electronic Components Datasheet Search
  English  ▼

X  

HPWA-DH00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HPWA-DH00
Description  Super Flux LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPWA-DH00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HPWA-DH00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPWA-DH00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPWA-DH00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPWA-DH00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPWA-DH00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPWA-DH00 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-27
Electrical Characteristics at TA = 25°C
Forward
Reverse
Capacitance
Voltage
Breakdown
C (pF)
Thermal
Speed of
VF (Volts)
VR (Volts)
VF = 0,
Resistance
Response
@ IF = 70 mA
@ IR = 100 µA
f = 1 MHz
R
θ
J-PIN (°C/W)
τ
s (ns)
[1]
Part Number
Min.
Typ.
Max.
Min.
Typ.
Typ.
Typ.
Typ.
HPWR-M300
2.01
2.25
2.75
10
20
20
155
45
HPWA-MH00/DH00
2.01
2.25
2.75
10
20
40
155
13
HPWA-ML00/DL00
2.01
2.25
2.75
10
20
40
155
13
HPWT-MH00/DH00
2.25
2.65
3.00
10
20
40
125
13
HPWT-ML00/DL00
2.25
2.65
3.00
10
20
40
125
13
Note:
1. ts is the time constant, e-t/τs.
Optical Characteristics at TA = 25°C
Color,
Total
Luminous
Total Flux
Peak
Dominant
Included
Intensity/
φ
v (mlm)
Wavelength
Wavelength
Angle
θ
0.90 V
Total Flux
@ 70 mA[1]
λ
peak (nm)
λ
d (nm)
[2]
(Degrees)[3]
Iv (mcd)/φv (mlm)
Part Number
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
HPWR-M300
500
800
655
643
95
0.7
HPWA-MH00
500
1250
621
615
95
0.6
HPWA-DH00
75
0.85
HPWA-ML00
500
1250
592
590
95
0.6
HPWA-DL00
75
0.85
HPWT-MH00
990
2500
626
617
100
0.6
HPWT-DH00
70
1.25
HPWT-ML00
990
2500
594
592
100
0.6
HPWT-DL00
70
1.25
Notes:
1.
φ
v is the total luminous flux output as measured with an integrating sphere.
2. The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ
0.90 V is the included angle at which 90% of the total luminous flux is captured.
Figure 1. Relative Intensity vs. Wavelength.
Figure 2. Forward Current vs.
Forward Voltage.
WAVELENGTH (nm)
550
600
650
700
1.0
0.5
0
HPWA-XL00/
HPWT-XL00
HPWR-M300
HPWA-XH00/
XH00
HPWT-XH00
AMBER
RED-
ORANGE
RED
2.7
70
0
FORWARD VOLTAGE (V)
1.5
1.9
2.1
2.3
50
40
30
20
10
1.7
2.5
60
HPWR-M300
HPWT-XX00
HLMA-XX00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com