Electronic Components Datasheet Search
  English  ▼

X  

E150TH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E150TH
Description  Industrial Control Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E150TH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E150TH Datasheet HTML 1Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 2Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 3Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 4Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 5Page - List of Unclassifed Manufacturers E150TH Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
191
Selection Tables: International Series
group 1 – 208/240/415 Volt primary, 120/24 secondary, 50/60 Hz
200/230/400 Volt primary, 115/23 secondary, 50/60 Hz
Continuous
Va
instantaneous
Va *
Catalog
Number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg Width
W1 / W2 - in (mm)
mtg depth
d1 / d2 - in (mm)
slot size
s1/s2 - in (mm)
approx.
ship Weight
lbs (kg)
50
105
e050tC
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.08 x 12.7 / 5.08 x 12.7)
4.0 (1.82)
100
230
e100tC
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
2.56 / 2.87
(65.0 / 72.9)
2.87 / 3.18
(72.9 / 80.8)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.4)
8.0 (3.67)
150
420
e150tC
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 / .20 x .33
(5.08 x 16.5 / 5.08 x 8.4)
11.0 (5.00)
250
675
e250tC
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .85 / .31 x .85
(7.87 x 21.59 / 7.87 x 21.59
15.0 (6.82)
500
1600
e500tC
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .03 / .31 x .85
(7.87 x .85 / 7.87 x 21.59)
30.0 (13.64)
* At 50% PF (Power Factor), 95% Nominal Secondary Voltage.
group 2 – 208/240/415 Volt primary, 24 Volt secondary, 50/60 Hz
277/480 Volt primary, 24 Volt secondary, 60 Hz
200/230/400 Volt primary, 24 Volt secondary, 50/60 Hz
220/380 Volt primary, 23 Volt secondary, 50/60 Hz
Continuous
Va
instantaneous
Va*
Catalog
Number
Height
in (mm)
Width
in (mm)
depth
in (mm)
mtg Width
W1 / W2
in (mm)
mtg depth
d1 / d2
in (mm)
slot size
s1/s2 - in (mm)
approx.
ship Weight
lbs (kg)
50
105
e050te
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.08 x 12.7 / 5.08 x 12.7)
4.0 (1.82)
100
230
e100te
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
2.56 / 2.87
(65.0 / 72.9)
2.87 / 3.18
(72.9 / 80.8)
.20 x .03 / .20 x .01
(5.08 x .65 / 5.08 x .33)
8.0 (3.67)
150
420
e150te
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .03 / .20 x .01
(5.08 x .65 / 5.08 x .33)
11.0 (5.00)
250
675
e250te
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.30 x .71 / .30 x .71
(7.87 x 18.0 / 7.87 x 18.0)
15.0 (6.82)
500
1600
e500te
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.30 x .85 / .30 x .85
(7.87 x 21.6 / 7.87 x 21.6)
30.0 (13.64)
Note: Fuse holders are not available for these voltage configurations.
* At 50% PF (Power Factor), 95% Nominal Secondary Voltage.
design style
mounting dimensions
profile
top View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com