Electronic Components Datasheet Search
  English  ▼

X  

INA-01170 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # INA-01170
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-01170 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  INA-01170 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-01170 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-01170 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-88
INA-01170 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Current
50 mA
Power Dissipation[2,3]
400 mW
RF Input Power
+13dBm
Junction Temperature
200
°C
Storage Temperature
–65 to 200
°C
Thermal Resistance[2,4]:
θ
jc = 140°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE= 25°C.
3. Derate at 7.1 mW/
°C for T
C > 144°C.
4. See MEASUREMENTS section
“Thermal Resistance” for more
information.
GP
Power Gain (|S21| 2)
f = 100 MHz
dB
30
32.5
35
∆GP
Gain Flatness
f = 10 to 250 MHz
dB
± 0.5
f3 dB
3 dB Bandwidth[2]
MHz
500
ISO
Reverse Isolation (|S12| 2)
f = 10 to 250 MHz
dB
39
Input VSWR
f = 10 to 250 MHz
1.6:1
Output VSWR
f = 10 to 250 MHz
1.5:1
NF
50
Ω Noise Figure
f = 100 MHz
dB
2.0
2.5
P1 dB
Output Power at 1 dB Gain Compression
f = 100 MHz
dBm
11
IP3
Third Order Intercept Point
f = 100 MHz
dBm
23
tD
Group Delay
f = 100 MHz
psec
200
Vd
Device Voltage
V
4.0
5.5
7.0
dV/dT
Device Voltage Temperature Coefficient
mV/
°C
+10
Notes:
1. The recommended operating current range for this device is 30 to 40 mA. Typical performance as a function of current
is on the following page.
2. Referenced from 10 MHz Gain (GP).
INA-01170 Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions: I
d = 35 mA, ZO = 50 Ω
Units
Min.
Typ.
Max.
VSWR
INA-01170 Typical Scattering Parameters (Z
O = 50 Ω, TA = 25°C, Id = 35 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.01
.09
–20
32.8
43.65
–2
–38.4
.012
–5
.17
–1
1.17
0.05
.10
–39
32.8
43.51
–9
–38.3
.012
17
.18
0
1.17
0.10
.13
–65
32.6
42.82
–18
–38.3
.012
–4
.18
1
1.17
0.15
.17
–83
32.4
41.71
–26
–38.4
.012
17
.19
2
1.18
0.20
.21
–96
32.1
40.41
–35
–38.6
.012
12
.19
3
1.18
0.25
.25
–107
31.8
38.93
–43
–39.0
.011
26
.19
4
1.26
0.30
.28
–115
31.5
37.38
–50
–39.0
.011
3
.20
5
1.26
0.40
.33
–130
30.7
34.19
–65
–39.3
.011
21
.21
3
1.31
0.50
.37
–140
29.9
31.13
–78
–39.2
.011
11
.22
0
1.35
0.60
.40
–150
29.0
28.30
–90
–38.9
.011
22
.23
–5
1.43
0.80
.43
–164
27.4
23.48 –112
–38.5
.012
30
.24
–19
1.52
1.0
.44
–176
25.8
19.45 –132
–36.5
.015
32
.23
–32
1.49
1.5
.44
165
21.8
12.37 –179
–33.6
.020
42
.19
–69
1.75
2.0
.44
154
17.9
7.88
146
–33.0
.022
42
.13
–106
2.42
2.5
.46
148
14.6
5.36
121
–30.6
.029
36
.12
–151
2.63
3.0
.48
139
11.4
3.71
96
–30.0
.032
45
.10
159
3.31
S11
S21
S12
S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com