Electronic Components Datasheet Search
  English  ▼

X  

IRDC3046 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3046
Description  IRU3046 EVALUATION BOARD USER GUIDE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3046 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3046 Datasheet HTML 1Page - International Rectifier IRDC3046 Datasheet HTML 2Page - International Rectifier IRDC3046 Datasheet HTML 3Page - International Rectifier IRDC3046 Datasheet HTML 4Page - International Rectifier IRDC3046 Datasheet HTML 5Page - International Rectifier IRDC3046 Datasheet HTML 6Page - International Rectifier IRDC3046 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRDC3046
2
Rev. 1.0
05/22/02
www.irf.com
Figure 1 - Connection diagram of evaluation-board for IRU3046.
CONNECTION DIAGRAM
Power Supply
6A Supply
Gnd +3.3V Gnd
+5V Gnd +12V
6A Supply
Load
0 - 16A
Load
0 - 2A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com