Electronic Components Datasheet Search
  English  ▼

X  

T060004 Datasheet(PDF) 1 Page - E-SWITCH

Part # T060004
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T060004 Datasheet(HTML) 1 Page - E-SWITCH

  T060004 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL6200ABF300QP
2:1
1/14/2013
T060004
A
rc
1
1
A
20968
New Release
1/14/13
rc
2
4
3
CIRCUIT: SPST
1
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x=
0.4
x.xx=
0.25
3. TERM. NOS. FOR REF ONLY
4. RATING: 50 MILLI-AMPS @24VDC
5. TRAVEL: 1.0 +/-0.5mm
6. CONTACT RESISTANCE: 30 MILLIOHMS MAX
7. INSULATION RESISTANCE: 10M OHMS MIN. AT 100VDC
8. DIELECTRIC STRENGTH: 250VAC FOR 1 MINUTE
9. OPERATING FORCE: 300
75 GF
10. PACKAGING: TUBE, 45 PIECES PER TUBE
11. LIFE CYCLES: 10,000,000 ACTUATIONS
12. DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
10.10
[.398 in]
10.10
[.398 in]
6.50
[.256 in]
6.40
[.252 in]
5.10
[.201 in]
4.00
[.157 in]
.80
[.031 in]
7.62
[.300 in]
10.16
[.400 in]
7.62
[.300 in]
10.16
[.400 in]
.90
[.035 in]
4 PLS
.30
[.012 in]
BLACK
ACTUATOR


Similar Part No. - T060004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T060000 E-SWITCH-T060000 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060001 E-SWITCH-T060001 Datasheet
105Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060002 E-SWITCH-T060002 Datasheet
108Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060003 E-SWITCH-T060003 Datasheet
108Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060005 E-SWITCH-T060005 Datasheet
107Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T060004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com