Electronic Components Datasheet Search
  English  ▼

X  

LSA2825 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LSA2825
Description  Analog Coaxial Pigtailed Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSA2825 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LSA2825 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSA2825 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSA2825 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSA2825 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSA2825 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSA2825 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
528
Fiber Pigtail
Parameter
Minimum
Maximum
Units
Fiber Pigtail Length
1000
mm
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
1
µm
Secondary Jacket Diameter
0.8
1
mm
Effective Cutoff Wavelength
1150
1240
nm
Reliability Target
Parameter
Condition
Min.
Max.
Units
Median Life
50% inc. in total drive current, Tc = +25
°C
2x105
hours
Other Documentation
1. SMQW Laser Reliability Report – Publication Number 5965-1293E
2. LST282X/292X Characterization Report – Publication Number 5965-5374E
Analog Specifications
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Relative Intensity
RIN
Po = 1 mW, Tc = –40
°C to +85°C
–135
dB/Hz
Noise (RIN)
2nd Order Distortion
-
Tc = +25
°C, Po = 1 mW, OMD = 35%
–43
dBc
Two tone test: F1 = 13 MHz, F2 = 19 MHz,
20 km fiber, Total loss = 9 dB, F1 ± F2
3rd Order Distortion
-
Tc = +25
°C, Po = 1 mW, OMD = 35%
–50
dBc
Two tone test: F1 = 13 MHz, F2 = 19 MHz,
20 km fiber, Total loss = 9 dB,
2F1 ± F2, 2F2 ± F1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com