Electronic Components Datasheet Search
  English  ▼

X  

LSC2210 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # LSC2210
Description  14 PIN DFB Laser Module with Cooler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2210 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSC2210 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
477
Absolute Maximum Ratings at 25
°C
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Minimum
Maximum
Units
Laser Forward Current
-
150
mA
Laser Reverse Current
-
10
µA
Laser Reverse Voltage
-
2.0
V
Photodiode Forward Current
-
1
mA
Photodiode Reverse Voltage (Vr)
-
-10
V
Fiber Pull Strength
-
10
N
Operating Temperature (Case)
-20
+65
°C
Storage Temperature
-40
+85
°C
Mechanical Shock
Mil Std 883, Method 2002, Test Condition B
Vibration
Mil Std 883, Method 2007, Test Condition A
Performance Specification - Laser [1]
Parameter
Minimum
Maximum
Units
Threshold Current (Ith)-
60
mA
Fiber Output Power (Pf)1
-
mW
at Ith +40 mA
0
-
dBm
Rise Time: 10% to 90%; Ith to Ith +25 mA
-
0.4
ns
Fall Time: 90% to 10%; Ith +25 mA to Ith
-
0.4
ns
Peak Wavelength
1520
1565
nm
Spectral Width (-20 dB, >20 dB ORL) [2], Modulated [3]
-
0.8
nm
Temperature Dependence of Peak Wavelength
-
0.10
nm/
°C
Sidemodes (CW)
-
-30
dB
Sidemodes (Modulated) [3]
-
-30
dB
Notes:
1. At 25
°C and Pf = 1 mW unless otherwise specified.
2. As measured using optical spectrum analysis.
3. Measured at 565 Mbit/s, Ith -2 mA = “0” level. Ith +40 mA = “1” level.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com