Electronic Components Datasheet Search
  English  ▼

X  

LSC2500-FP Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # LSC2500-FP
Description  2.488 Gb/s DFB Laser Module with Integral Optical Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2500-FP Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  LSC2500-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2500-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2500-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2500-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2500-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2500-FP Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
563
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
-
1.0
µm
Secondary Jacket Diameter
0.8
1.0
mm
Effective Cutoff Wavelength
1150
1240
nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is
required. The pigtail length can be customized to your specific length, with a connector, to a tolerance of
± 25 mm.
Performance Specifications – Monitor Photodiode
Parameter
Minimum
Maximum
Units
Photocurrent (Im) at 2 mW
0.2
2.0
mA
Dark Current (Vr = –5 V) at +25
°C
-
100
nA
Thermistor
Test Conditions
TC = +25
°C, Pf = 0 mW
Test Limits
Parameter
Symbol
unless otherwise stated
Min.
Max.
Units
Resistance
Rt
9.5
10.5
k
Ω
Temperature Coefficient of Rt
∆Rt/∆T
Typ. 4.4
%dR/K
β Constant
β
0
°C to +50°C
Typ. 3900
°K
TEC
Test Conditions
TC = +25
°C, Pf = 0 mW
Test Limits
Parameter
Symbol
unless otherwise stated
Min.
Max.
Units
TEC Cooling Current
Ic
∆T = –40°C, Tc = +65°C
-
1.0
A
TEC Heating Current
Ih
∆T = –45°C, Tc = –20°C
-
1.0
A
Voltage
Vc
∆T = –20°C, to +65°C
-
2.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com