Electronic Components Datasheet Search
  English  ▼

X  

LSC3X00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # LSC3X00
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3X00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  LSC3X00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3X00 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
485
Performance Specifications (cont’d.)
LSC3300
LSC3100
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Max.
Units
MONITOR
Tc = 25
°C, Vr = -5 V, (Note 2),
PHOTODIODE
CW, Pf = Pf min.
unless otherwise stated
Photocurrent
Im
25
800
50
800
µA
Responsivity
R
0.25
8.0
0.05
0.8
A/W
Dark Current
Id
If = 0 mA
-
20
-
20
nA
Tracking Error
∆R
Im = Im @ (Pf = Pf min.,
Tc = 25
°C)
Tc = -40
°C to +85°C
-1.5
+1.5
-2.0
+1.5
dB
Note:
2. Photodiode will also operate under zero bias conditions.
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
-
1.0
µm
Secondary Jacket Diameter
0.8
1.0
mm
Effective Cutoff Wavelength
1150
1240
nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is required. The pigtail
length can be customized to your specific length, with a connector, to a tolerance of
±25 mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com