Electronic Components Datasheet Search
  English  ▼

X  

LSCX110 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # LSCX110
Description  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSCX110 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  LSCX110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSCX110 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
467
CDRH Certification
Hewlett-Packard Ltd
Whitehouse Road
Ipswich, Suffolk IP1 5PB
England
Manufactured: ____ Serial No. ____
Model No. ____________
This product conforms to the applicable
requirements of 21 CFR 1040 at the date of
manufacture.
Laser Warning
ST® is a Registered Trademark of AT&T.
Handling Precautions
1. The LSCX110 can be damaged by current surges or overvoltage.
2. Power supply transient precautions should be taken.
3. Normal handling precautions for electrostatic sensitive devices
should be taken.
Ordering Information
LSCX110 - XX
Connector Type:
FP = FC/PC
ST = ST®
SC = SC
DN = DIN
BI = Biconic
D4 = D4
SF = Super Polish FC/PC
Package Style:
2 = 14 PIN DIL
4 = 14 PIN “Butterfly”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com