Electronic Components Datasheet Search
  English  ▼

X  

MBRF1060CTL Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF1060CTL
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF1060CTL Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF1060CTL Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1060CTL Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0147 Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF1060CTL
MBRF1060CTL SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
125 ℃
℃
℃
℃ TJ operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
•
High frequency operation
• Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
OUTLINE DRAWING
Mechanical Dimensions: In mm
OPTION 1(CJ)
OPTION 2(HD)
Dim
Min
Max
Min
Max
A
4.4
4.6
4.30
4.70
b
0.6TYP
0.50
0.75
b1
1.3TYP
1.30
1.40
b2
1.7TYP
1.70
1.80
b3
1.6TYP
1.50
1.75
b4
1.2TYP
1.10
1.35
C
0.60TYP
0.50
0.75
D
14.8
15.1
14.80
15.20
E
10.06
10.26
9.96
10.36
e
2.55TYP
2.54TYP
F
2.9
3.1
2.80
3.20
G
6.5
6.9
6.50
6.90
L
12.7
13.7
12.8
13.2
L1
3.4
3.8
3.60
4.00
L2
2.6
3.0
-
-
Q
2.5
2.9
2.50
2.90
Q1
2.5
2.9
2.70REF
ØR
3.5REF
3.50REF


Similar Part No. - MBRF1060CTL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MBRF1060CTL LITTELFUSE-MBRF1060CTL Datasheet
625Kb / 3P
Free-wheeling diodes
logo
SMC Diode Solutions Co....
MBRF1060CTL SMCDIODE-MBRF1060CTL Datasheet
193Kb / 4P
MBRF1060CTL SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
MBRF1060CTLP SMC-MBRF1060CTLP Datasheet
184Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRF1060CTLP SMCDIODE-MBRF1060CTLP Datasheet
193Kb / 4P
MBRF1060CTLP SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF1060CTL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com