Electronic Components Datasheet Search
  English  ▼

X  

FMMT6517 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMMT6517
Description  SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMMT6517 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMMT6517 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – NOVEMBER 1995 7
FEATURES
* 350 Volt VCEO
* Gain of 15 at IC=100mA
APPLICATIONS
* SUITABLE FOR AMPLIFIER AND SWITCHING PRODUCTS
COMPLEMENTARY TYPE -
FMMT6520
PARTMARKING DETAIL -
517
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
350
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb= 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
350
V
IC=100µA, IE=0
V(BR)CEO
350
V
IC=1mA, IB=0*
V(BR)EBO
5V
IE=10µA, IC=0
Cut-Off Currents
ICBO
50
nA
VCB=250V, IE=0
IEBO
50
nA
VEB=5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.3
0.35
0.5
1.0
V
V
V
V
IC=10mA, IB=1mA*
IC=20mA, IB=2mA*
IC=30mA, IB=3mA*
IC=50mA, IB=5mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.80
0.85
0.90
V
V
V
IC=10mA, IB=1mA*
IC=20mA, IB=2mA*
IC=30mA, IB=3mA*
Base-Emitter Turn-On
Voltage
VBE(on)
2.0
V
IC=100mA, VCE=10V*
Static Forward Current
Transfer Ratio
hFE
20
30
30
20
15
200
200
IC=1mA, VCE=10V
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
IC=50mA, VCE=10V*
IC=100mA, VCE=10V*
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
Transition Frequency
fT
50
MHz
IC=10mA, VCE=20V, f=20MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
FMMT6517
C
B
E
SOT23
3 - 171


Similar Part No. - FMMT6517

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT6517 ZETEX-FMMT6517 Datasheet
48Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
FMMT6517 DIODES-FMMT6517 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
FMMT6517TA DIODES-FMMT6517TA Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results

Similar Description - FMMT6517

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS64 ZETEX-BSS64 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT497 ZETEX-FMMT497_06 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTA42 DIODES-FMMTA42 Datasheet
147Kb / 4P
SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
NOVEMBER 2006
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com