Electronic Components Datasheet Search
  English  ▼

X  

FG24005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FG24005
Description  Fiberglass Omnidirectional Wireless Antennas
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FG24005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FG24005 Datasheet HTML 1Page - List of Unclassifed Manufacturers FG24005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FG4607
UHF Models
460 - 470 MHz
465 MHz
7 dBD
107 inches
100 watts
FG4705
UHF Models
470 - 480 MHz
475 MHz
5 dBD
76 inches
100 watts
FG4900
UHF Models
490 - 512 MHz
501 MHz
Unity
26 inches
100 watts
FG4907
UHF Models
490 - 500 MHz
495 MHz
7 dBD
107 inches
100 watts
FG5003
UHF Models
500 - 512 MHz
506 MHz
3 dBD
44 inches
100 watts
FG5007
UHF Models
500 - 512 MHz
506 MHz
7 dBD
107 inches
100 watts
FG7463
700 - 900 MHz Models
746 - 796 MHz
771 MHz
3 dBD
23 1/2 inches
100 watts
FG7466
700 - 900 MHz Models
746 - 796 MHz
771 MHz
6 dBD
61 inches
100 watts
FG8060
700 - 900 MHz Models
806 - 866 MHz
813.5 MHz
Unity
15 inches
100 watts
FG8063
700 - 900 MHz Models
806 - 866 MHz
813.5 MHz
3 dBD
25 inches
100 watts
FG8063WPTNF
700 - 900 MHz Models
806 - 896 MHz
851 MHz
3 dBD
29 inches
100 watts
FG8066
700 - 900 MHz Models
806 - 866 MHz
813.5 MHz
6 dBD
65 inches
100 watts
FG8240
700 - 900 MHz Models
824 - 896 MHz
835 MHz
Unity
15 inches
100 watts
FG8243
700 - 900 MHz Models
824 - 896 MHz
835 MHz
3 dBD
25 inches
100 watts
FG8246
700 - 900 MHz Models
824 - 896 MHz
835 MHz
6 dBD
65 inches
100 watts
FG8693
700 - 900 MHz Models
869 - 902 MHz
882 MHz
3 dBD
25 inches
100 watts
FG8960
700 - 900 MHz Models
896 - 940 MHz
898 MHz
Unity
15 inches
100 watts
FG8963
700 - 900 MHz Models
896 - 940 MHz
898 MHz
3 dBD
25 inches
100 watts
FG8966
700 - 900 MHz Models
896 - 940 MHz
898 MHz
6 dBD
65 inches
100 watts
FG9023
700 - 900 MHz Models
902 - 928 MHz
915 MHz
3 dBD
25 inches
100 watts
FG9026
700 - 900 MHz Models
902 - 928 MHz
915 MHz
6 dBD
65 inches
100 watts
FG9283
700 - 900 MHz Models
928 - 970 MHz
930 MHz
3 dBD
25 inches
100 watts
FG9360
700 - 900 MHz Models
936 - 970 MHz
953 MHz
Unity
15 inches
100 watts
FG9286
700 - 900 MHz Models
928 - 970 MHz
930 MHz
6 dBD
65 inches
100 watts
FG9366
700 - 900 MHz Models
936 - 970 MHz
953 MHz
6 dBD
65 inches
100 watts
FG24005
2.4 GHZ Models
2400 - 2500 MHz
2450 MHz
5 dBi
14 inches
100 watts
FG24008
2.4 GHZ Models
2400 - 2500 MHz
2450 MHz
8 dBi
24 inches
100 watts
FG821/18503
Dual Band Model
1850 - 1990 MHz
821 - 896 MHz
858.5 MHz
1920 MHz
Unity
3 dBD
14 inches
100 watts
FG16397
FG16397
806 - 896 MHz
890 - 960 MHz
1850 - 1990 MHz
2400 - 2500 MHz
N/A
2 dBi
1 dBi
 3.3 dBi
 2 dBi
14 inches
100 watts
  Results 1 - 65 of 65
8/15/2012 | Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com