Electronic Components Datasheet Search
  English  ▼

X  

18503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 18503
Description  Fiberglass Omnidirectional Wireless Antennas
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

18503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  18503 Datasheet HTML 1Page - List of Unclassifed Manufacturers 18503 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Laird Technologies
Web site: www.LairdTech.com
Fiberglass Omnidirectional Wireless Antennas
 
 
 •  Includes VHF through 2.4 GHz models
 •  High performance and reliable collinear J-pole design surrounded by durable high density fiberglass
 •  Durable gold anodized sleeve and cap will not oxidize
 •  Custom tuning available
 •  FedEx/UPS shippable on most models
  Results 1 - 65 of 65
Item #
Model
Frequency Range
Tuned Frequency
Gain
Length
Max. Power
FG1400
VHF Models
140 - 144 MHz
142 MHz
Unity
92 inches
150 watts
FG1403
VHF Models
140 - 144 MHz
142 MHz
3 dBD
107 inches
150 watts
FG1440
VHF Models
144 - 148 MHz
146 MHz
Unity
92 inches
150 watts
FG1443
VHF Models
144 - 148 MHz
146 MHz
3 dBD
107 inches
150 watts
FG1480
VHF Models
148 - 152 MHz
150 MHz
Unity
68 inches
150 watts
FG1483
VHF Models
148 - 152 MHz
150 MHz
3 dBD
107 inches
150 watts
FG1520
VHF Models
152 - 156 MHz
154 MHz
Unity
68 inches
150 watts
FG1523
VHF Models
152 - 156 MHz
154 MHz
3 dBD
107 inches
150 watts
FG1560
VHF Models
156 - 162 MHz
159 MHz
Unity
68 inches
150 watts
FG1563
VHF Models
156 - 162 MHz
159 MHz
3 dBD
107 inches
150 watts
FG1620
VHF Models
162 - 168 MHz
165 MHz
Unity
68 inches
150 watts
FG1623
VHF Models
162 - 168 MHz
165 MHz
3 dBD
107 inches
150 watts
FG1683
VHF Models
168 - 174 MHz
171 MHz
3 dBD
107 inches
150 watts
FG2200
VHF Models
220 - 225 MHz
222.5 MHz
Unity
68 inches
150 watts
FG2203
VHF Models
220 - 225 MHz
222.5 MHz
3 dBD
83.5 inches
150 watts
FG3603
UHF Models
360 - 380 MHz
370 MHz
3 dBD
44 inches
100 watts
FG3803
UHF Models
380 - 390 MHz
385 MHz
3 dBD
44 inches
100 watts
FG4060
UHF Models
406 - 416 MHz
411 MHz
Unity
26 inches
100 watts
FG4063
UHF Models
406 - 416 MHz
411 MHz
3 dBD
44 inches
100 watts
FG4065
UHF Models
406 - 416 MHz
411 MHz
5 dBD
76 inches
100 watts
FG4100
UHF Models
410 - 430 MHz
420 MHz
Unity
26 inches
100 watts
FG4103
UHF Models
410 - 420 MHz
415 MHz
3 dBD
44 inches
100 watts
FG4203
UHF Models
420 - 430 MHz
425 MHz
3 dBD
44 inches
100 watts
FG4205
UHF Models
420 - 430 MHz
425 MHz
5 dBD
76 inches
100 watts
FG4300
UHF Models
430 - 450 MHz
440 MHz
0 dBD
26 inches
100 watts
FG4303
UHF Models
430 - 440 MHz
435 MHz
3 dBD
44 inches
100 watts
FG4305
UHF Models
430 - 440 MHz
435 MHz
5 dBD
76 inches
100 watts
FG4403
UHF Models
440 - 450 MHz
445 MHz
3 dBD
44 inches
100 watts
FG4405
UHF Models
440 - 450 MHz
445 MHz
5 dBD
76 inches
100 watts
FG4500
UHF Models
450 - 470 MHz
460 MHz
Unity
26 inches
100 watts
FG4503
UHF Models
450 - 460 MHz
455 MHz
3 dBD
44 inches
100 watts
FG4505
UHF Models
450 - 460 MHz
455 MHz
5 dBD
76 inches
100 watts
FG4505W
UHF Models
450 - 470 MHz
460 MHz
5 dBD
76 inches
100 watts
FG4507
UHF Models
450 - 460 MHz
455 MHz
7 dBD
107 inches
100 watts
FG4603
UHF Models
460 - 470 MHz
465 MHz
3 dBD
44 inches
100 watts
FG4605
UHF Models
460 - 470 MHz
465 MHz
5 dBD
76 inches
100 watts
8/15/2012 | Page 1 of 2


Similar Part No. - 18503

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1850 ALPHAWIRE-1850 Datasheet
69Kb / 2P
Customer Specification
1850 ALPHAWIRE-1850 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
1850 ADAFRUIT-1850 Datasheet
137Kb / 2P
Adafruit Gemma Sequin Starter Pack
3-16-18
logo
Coherent Corp
1850-800S COHERENT-1850-800S Datasheet
253Kb / 2P
HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING
1850-915S COHERENT-1850-915S Datasheet
254Kb / 2P
HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING
More results

Similar Description - 18503

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RO2408NMU PULSE-RO2408NMU Datasheet
930Kb / 3P
Omnidirectional 2.4 GHz Antennas With Up- and Down-Tilt
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
TDK Electronics
IBF15-100DD125X125 TDK-IBF15-100DD125X125 Datasheet
64Kb / 1P
Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-050RN1HRX300 TDK-IFL04-050RN1HRX300 Datasheet
64Kb / 1P
Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-200ND300X200 TDK-IFL04-200ND300X200 Datasheet
64Kb / 1P
Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
logo
Laird Tech Smart Techno...
FG4500 LSTD-FG4500 Datasheet
383Kb / 1P
Fiberglass Omnidirectional Antennas 450~470 MHz
FG9023 LSTD-FG9023 Datasheet
1Mb / 1P
FIBERGLASS OMNIDIRECTIONAL ANTENNAS
logo
PCTEL, Inc.
MFB PCTEL-MFB Datasheet
297Kb / 4P
Fiberglass Base Station Omnidirectional Antennas
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com